Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM6M080-010D Datasheet(PDF) 1 Page - Sensitron

Part # SPM6M080-010D
Description  Three-Phase MOSFET BRIDGE, With Gate Driver and Optical Isolation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SPM6M080-010D Datasheet(HTML) 1 Page - Sensitron

  SPM6M080-010D_10 Datasheet HTML 1Page - Sensitron SPM6M080-010D_10 Datasheet HTML 2Page - Sensitron SPM6M080-010D_10 Datasheet HTML 3Page - Sensitron SPM6M080-010D_10 Datasheet HTML 4Page - Sensitron SPM6M080-010D_10 Datasheet HTML 5Page - Sensitron SPM6M080-010D_10 Datasheet HTML 6Page - Sensitron SPM6M080-010D_10 Datasheet HTML 7Page - Sensitron SPM6M080-010D_10 Datasheet HTML 8Page - Sensitron SPM6M080-010D_10 Datasheet HTML 9Page - Sensitron Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
Datasheet 4118, Rev. D.2
© 2004 Sensitron Semiconductor
• 221 West Industry Court • Deer Park, NY 11729 • (631) 586 7600
FAX (631) 242 9798
• www.sensitron.com • sales@sensitron.com •
Page 1
SPM6M080-010D
Three-Phase MOSFET BRIDGE, With Gate Driver and Optical
Isolation
DESCRIPTION: A 100 VOLT, 80 AMP, THREE PHASE MOSFET BRIDGE
ELECTRICAL CHARACTERISTICS PER MOSFET DEVICE
(Tj=25
0C UNLESS OTHERWISE SPECIFIED)
P
PA
AR
RA
AM
ME
ET
TE
ER
R
S
SY
YM
MB
BO
OL
L
M
MIIN
N
T
TY
YP
P
M
MA
AX
X
U
UN
NIIT
T
MOSFET SPECIFICATIONS
Drain-to-Source Breakdown Voltage
ID = 500 μA, VGS = 0V
BVDSS
100
-
-
V
Continuous Drain Current
TC = 25
OC
TC = 90
OC
ID
-
-
80
70
A
Pulsed Drain Current, Pulse Width limited to 1 msec
IDM
-
-
200
A
Zero Gate Voltage Drain Current
VDS = 100 V, VGS=0V Ti=25
oC
VDS= 80 V, VGS=0V Ti=125
oC
ICSS
-
-
1
3
mA
mA
Static Drain-to-Source On Resistance,
Tj = 25
OC
Tj = 150
OC
ID= 60A, VGS = 15V,
RDSon
-
0.009
0.018
0.012
-
Ω
Maximum Thermal Resistance
RθJC
-
-
0.65
oC/W
Maximum operating Junction Temperature
Tjmax
-40
-
150
oC
Maximum Storage Junction Temperature
Tjmax
-55
-
150
oC


Similar Part No. - SPM6M080-010D_10

ManufacturerPart #DatasheetDescription
logo
Sensitron
SPM6M080-010D SENSITRON-SPM6M080-010D Datasheet
109Kb / 14P
Three-Phase MOSFET BRIDGE, With Gate Driver and Optical Isolation
More results

Similar Description - SPM6M080-010D_10

ManufacturerPart #DatasheetDescription
logo
Sensitron
SPM6M070-020D SENSITRON-SPM6M070-020D Datasheet
105Kb / 8P
Three-Phase MOSFET BRIDGE, With Gate Driver and Optical Isolation
SPM6M060-010D SENSITRON-SPM6M060-010D Datasheet
62Kb / 4P
Three-Phase MOSFET Bridge With Gate Driver and Optical Isolation
SPM6G150-060D SENSITRON-SPM6G150-060D Datasheet
66Kb / 4P
Three-Phase IGBT BRIDGE With Gate Driver and Optical Isolation
SPM6G140-060D SENSITRON-SPM6G140-060D Datasheet
244Kb / 17P
Three-Phase IGBT BRIDGE With Gate Driver and Optical Isolation
SPM6G080-120D SENSITRON-SPM6G080-120D Datasheet
82Kb / 6P
Three-Phase IGBT BRIDGE With Gate Driver and Optical Isolation
SPM6G080-060D SENSITRON-SPM6G080-060D Datasheet
84Kb / 7P
Three-Phase IGBT BRIDGE With Gate Driver and Optical Isolation
SPM6M080-010D SENSITRON-SPM6M080-010D Datasheet
109Kb / 14P
Three-Phase MOSFET BRIDGE, With Gate Driver and Optical Isolation
SPM6G060-120D SENSITRON-SPM6G060-120D_08 Datasheet
207Kb / 21P
Three-Phase IGBT BRIDGE, With Gate Driver and Optical Isolation
SPM6G070-060D SENSITRON-SPM6G070-060D Datasheet
172Kb / 19P
Three-Phase IGBT BRIDGE, With Gate Driver and Optical Isolation
SPM6G080-060D SENSITRON-SPM6G080-060D_07 Datasheet
87Kb / 7P
Three-Phase IGBT BRIDGE, With Gate Driver and Optical Isolation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com