Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6865 Datasheet(PDF) 2 Page - MOSA ELECTRONICS

Part # MS6865
Description  Dual 2W Power Amplifier 3 Stereo Inputs with Volume Control
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6865 Datasheet(HTML) 2 Page - MOSA ELECTRONICS

  MS6865 Datasheet HTML 1Page - MOSA ELECTRONICS MS6865 Datasheet HTML 2Page - MOSA ELECTRONICS MS6865 Datasheet HTML 3Page - MOSA ELECTRONICS MS6865 Datasheet HTML 4Page - MOSA ELECTRONICS MS6865 Datasheet HTML 5Page - MOSA ELECTRONICS MS6865 Datasheet HTML 6Page - MOSA ELECTRONICS MS6865 Datasheet HTML 7Page - MOSA ELECTRONICS MS6865 Datasheet HTML 8Page - MOSA ELECTRONICS MS6865 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
MOSA
MS6865
3 Stereo inputs / 2W PA output with Volume Control
REV 2
2/22
www.mosanalog.com
PIN CONFIGURATION
Note: 1. SE: Single Ended.
BTL: Bridged-Tied Load
Symbol
Pin
Description
VSS
1
Connected to ground
CAP
2
Capacitor connected
RIN1
3
Right channel input 1
RIN2
4
Right channel input 2
RIN3
5
Right channel input 3
AVSS
6
Negative supply voltage
PVDDR
7
Positive supply voltage for right
channel of power amplifier
OUTR-
8
SE right channel output or negative
output of BTL right channel
OUTR+
9
Positive output of BTL right channel
PVSSR
10
Negative supply voltage for right
channel of power amplifier
PVSSL
11
Negative supply voltage for left channel
of power amplifier
OUTL+
12
Positive output of BTL left channel
OUTL-
13
SE left channel output or negative
output of BTL left channel
PVDDL
14
Positive supply voltage for left channel
of power amplifier
AVDD
15
Positive supply voltage
LIN3
16
Left channel input 3
LIN2
17
Left channel input 2
LIN1
18
Left channel input 1
SDA
19
I
2C data input
SCL
20
I
2C clock input
19
18
17
20
2
3
4
1
SCL
SDA
LIN1
LIN2
VSS
CAP
RIN1
RIN2
15
14
13
16
6
7
8
5
AVDD
RIN3
PVDDR
12
11
9
10
OUTR-
LIN3
AVSS
OUTR+
PVSSR
OUTL-
PVDDL
OUTL+
PVSSL
MS6865, TSSOP20
SSOP20(209mil)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com