Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6865 Datasheet(PDF) 5 Page - MOSA ELECTRONICS

Part # MS6865
Description  Dual 2W Power Amplifier 3 Stereo Inputs with Volume Control
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6865 Datasheet(HTML) 5 Page - MOSA ELECTRONICS

  MS6865 Datasheet HTML 1Page - MOSA ELECTRONICS MS6865 Datasheet HTML 2Page - MOSA ELECTRONICS MS6865 Datasheet HTML 3Page - MOSA ELECTRONICS MS6865 Datasheet HTML 4Page - MOSA ELECTRONICS MS6865 Datasheet HTML 5Page - MOSA ELECTRONICS MS6865 Datasheet HTML 6Page - MOSA ELECTRONICS MS6865 Datasheet HTML 7Page - MOSA ELECTRONICS MS6865 Datasheet HTML 8Page - MOSA ELECTRONICS MS6865 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
MOSA
MS6865
3 Stereo inputs / 2W PA output with Volume Control
REV 2
5/22
www.mosanalog.com
3.3V ELECTRICAL CHARACTERISTICS
(Ta=25℃, VDD=3.3V, VSS=0V, f=1kHz; unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DC Characteristics
All devices are active, BTL
-
9
-
All devices are active, SE
-
6
-
L-ch (R-ch) PD, BTL
-
4.6
-
IQ
Quiescent current
L-ch (R-ch) PD, SE
-
3.0
-
mA
AC Characteristics
-
-65
60
dB
THD+N
Total harmonic distortion plus
Noise
SE mode, RL=32Ω, 35mW
-
0.0562
0.1
%
BTL Mode, RL = 4Ω
THD+N = 1%
-
0.8
-
W
BTL Mode, RL = 8Ω
THD+N = 1%
-
0.53
-
W
Po
Maximum output power
SE Mode, RL = 32Ω
THD+N = 0.1%
-
35m
-
W
2.4V ELECTRICAL CHARACTERISTICS
(Ta=25℃, VDD=2.4V, VSS=0V, f=1kHz; unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DC Characteristics
All devices are active, BTL
-
7.6
-
All devices are active, SE
-
5.1
-
L-ch (R-ch) PD, BTL
-
4
-
IQ
Quiescent current
L-ch (R-ch) PD, SE
-
2.6
-
mA
AC Characteristics
-
-65
-60
dB
THD+N
Total harmonic distortion plus
Noise
SE mode, RL=32Ω, 15mW
-
0.0562
0.1
%
BTL Mode, RL = 4Ω
THD+N = 1%
-
0.36
-
W
BTL Mode, RL = 8Ω
THD+N = 1%
-
0.25
-
W
Po
Maximum output power
SE Mode, RL = 32Ω
THD+N = 1%
-
15m
-
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com