Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6865SSGU Datasheet(PDF) 16 Page - MOSA ELECTRONICS

Part # MS6865SSGU
Description  Dual 2W Power Amplifier 3 Stereo Inputs with Volume Control
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6865SSGU Datasheet(HTML) 16 Page - MOSA ELECTRONICS

Back Button MS6865SSGU Datasheet HTML 12Page - MOSA ELECTRONICS MS6865SSGU Datasheet HTML 13Page - MOSA ELECTRONICS MS6865SSGU Datasheet HTML 14Page - MOSA ELECTRONICS MS6865SSGU Datasheet HTML 15Page - MOSA ELECTRONICS MS6865SSGU Datasheet HTML 16Page - MOSA ELECTRONICS MS6865SSGU Datasheet HTML 17Page - MOSA ELECTRONICS MS6865SSGU Datasheet HTML 18Page - MOSA ELECTRONICS MS6865SSGU Datasheet HTML 19Page - MOSA ELECTRONICS MS6865SSGU Datasheet HTML 20Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
MOSA
MS6865
3 Stereo inputs / 2W PA output with Volume Control
REV 2
16/22
www.mosanalog.com
APPLICATION INFORMATION
A base application circuit
Output mode operation -- SE mode and BTL mode
The output has two modes, SE mode and BTL mode. The mode is selected by I2C code via MCU.
In BTL mode, the outputs of A1(B1) and A2(B2) are then used to drive the speakers(4Ω/8Ω).
OUTR+
OUTR-
OUTL+
OUTL-
-1
-1
-1
-1
SCL
SDA
I2C
Interface
R
L
4Ω / 8Ω
R
L
4Ω / 8Ω
A1
A2
B1
B2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com