Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6865SSGU Datasheet(PDF) 22 Page - MOSA ELECTRONICS

Part # MS6865SSGU
Description  Dual 2W Power Amplifier 3 Stereo Inputs with Volume Control
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6865SSGU Datasheet(HTML) 22 Page - MOSA ELECTRONICS

Back Button MS6865SSGU Datasheet HTML 14Page - MOSA ELECTRONICS MS6865SSGU Datasheet HTML 15Page - MOSA ELECTRONICS MS6865SSGU Datasheet HTML 16Page - MOSA ELECTRONICS MS6865SSGU Datasheet HTML 17Page - MOSA ELECTRONICS MS6865SSGU Datasheet HTML 18Page - MOSA ELECTRONICS MS6865SSGU Datasheet HTML 19Page - MOSA ELECTRONICS MS6865SSGU Datasheet HTML 20Page - MOSA ELECTRONICS MS6865SSGU Datasheet HTML 21Page - MOSA ELECTRONICS MS6865SSGU Datasheet HTML 22Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
MOSA
MS6865
3 Stereo inputs / 2W PA output with Volume Control
REV 2
22/22
www.mosanalog.com
Circuit
+
C3
0.1u
C13
10u
C11
10u
C12
1u
+
C4
1u
1
2
J2
AVDD
SP1
SPK_R
SP2
SPK_L
DVCC
Vss
1
CAP
2
INR1
3
INR2
4
INR3
5
AVss
6
PVDDR
7
OUTR-
8
OUTR+
9
PVSSR
10
PVSSL
11
OUTL+
12
OUTL-
13
PVDDL
14
AVDD
15
INL3
16
INL2
17
INL1
18
SDA
19
SCL
20
U2
MS6865
C15
10u
C14
10u
R
1
G
3
L
2
J3
IN1
R
1
G
3
L
2
J4
IN2
R
1
G
3
L
2
J5
IN3
C20
10u
C16
10u
P3.7
11
RST
1
P1.0
12
P3.0
2
P1.1
13
P3.1
3
P1.2
14
XTAL2
4
P1.3
15
XTAL1
5
P1.4
16
P3.2
6
P1.5
17
P3.3
7
P1.6
18
P3.4
8
P1.7
19
P3.5
9
Vcc
20
GND
10
U1
AT89C4051
VS
1
IR
3
GND
2
Q1
IR
+
C1
47u
+ C5
470P
R1
220
R2
10K
Y1
24M
C6
20P
C7
20P
R6
10K
+ C2
10u
S1
RST
DGND
IR_IN
DGND
AGND
IR_IN
SCL
SDA
SCL
SDA
1
2
J1
DVCC
+
C9
0.1u
+
C10
1u
HP-IN
1
HP-R
2
R
3
HP-L
4
L
5
G
6
HEADPHONE
+
C18
100u
+
C19
100u
R16
1K
R15
1K
1
2
3
J7
OUT
R8
100K
HP_IN
+
C17
1u
+
C8
1u
W2
Jumper
DGND
AGND
R9
1K
R10
1K
R11
1K
R12
1K
R13
1K
R14
1K
D2
IN2
D3
IN3
D1
IN1
R4
1K
R5
1K
R3
1K
W1
JUMP
AVDD
R7
100K
1
Q2
NMOS
AVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com