Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC188MS8 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC188MS8
Description  GaAs MMIC SMT PASSIVE FREQUENCY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC188MS8 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC188MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC188MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC188MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC188MS8 Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
7
7 - 19
Evaluation PCB
List of Materials for Evaluation PCB 103313 [1]
Item
Description
J1 - J3
PCB Mount SMA Connector
C1
1,000 pF Capacitor, 0603 Pkg.
U1
HMC188MS8 / HMC188MS8E
x4 Active Multiplier
PCB [2]
104610 Eval Board
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
The circuit board used in the final application should
be generated with proper RF circuit design tech-
niques. Signal lines should have 50 ohm imped-
ance while the package ground leads and exposed
paddle should be connected directly to the ground
plane similar to that shown. The evaluation circuit
board shown is available from Hittite upon request.
HMC188MS8 / 188MS8E
GaAs MMIC SMT PASSIVE FREQUENCY
DOUBLER, 1.25 - 3.0 GHz INPUT
v04.0709



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com