Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC188MS8 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC188MS8
Description  GaAs MMIC SMT PASSIVE FREQUENCY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC188MS8 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC188MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC188MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC188MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC188MS8 Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
7
7 - 18
Outline Drawing
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC188MS8
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H188
XXXX
HMC188MS8E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
H188
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
HMC188MS8 / 188MS8E
GaAs MMIC SMT PASSIVE FREQUENCY
DOUBLER, 1.25 - 3.0 GHz INPUT
v04.0709
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS].
3. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE.
4. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE.
5. ALL GROUND LEADS MUST BE SOLDERED TO PCB RF GROUND.
Pin Description
Pin Number
Function
Description
Interface Schematic
1, 3 - 6, 8
GND
All ground leads must be soldered to PCB RF/DC ground.
2
RFIN
Pin is DC coupled and matched to 50 Ohms from 1.25 to 3.0 GHz
7
RFOUT
Pin is DC coupled and matched to 50 Ohms from 2.5 to 6.0 GHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com