Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS10M80CFP Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS10M80CFP
Description  Power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS10M80CFP Datasheet(HTML) 1 Page - STMicroelectronics

  STPS10M80CFP Datasheet HTML 1Page - STMicroelectronics STPS10M80CFP Datasheet HTML 2Page - STMicroelectronics STPS10M80CFP Datasheet HTML 3Page - STMicroelectronics STPS10M80CFP Datasheet HTML 4Page - STMicroelectronics STPS10M80CFP Datasheet HTML 5Page - STMicroelectronics STPS10M80CFP Datasheet HTML 6Page - STMicroelectronics STPS10M80CFP Datasheet HTML 7Page - STMicroelectronics STPS10M80CFP Datasheet HTML 8Page - STMicroelectronics STPS10M80CFP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
April 2011
Doc ID 018734 Rev 1
1/11
11
STPS10M80C
Power Schottky rectifier
Features
High junction temperature capability
Optimized trade-off between leakage current
and forward voltage drop
Low leakage current
Avalanche capability specified
Insulated package TO-220FPAB
– insulated voltage: 2000 V
– package capacitance: 45 pF
Description
This dual diode Schottky rectifier is suited for high
frequency switch mode power supply.
Packaged in TO-220AB, I2PAK, D2PAK and TO-
220FPAB, this device is particularly suited for use
in notebook, game station, LCD TV and desktop
adapters, providing these applications with a
good efficiency at both low and high load.
Figure 1.
Electrical characteristics(a)
Table 1.
Device summary
Symbol
Value
IF(AV)
2 x 5 A
VRRM
80 V
Tj (max)
175 °C
VF (typ)
465 mV
a.
VARM and IARM must respect the reverse safe
operating area defined in Figure 13. VAR and IAR are
pulse measurements (tp < 1 µs). VR, IR, VRRM and VF,
are static characteristics
A1
K
A2
A1
A2
K
A1
A2
K
K
A1
A2
K
K
TO-220AB
STPS10M80CT
TO-220FPAB
STPS10M80CFP
I2PAK
STPS10M80CR
D2PAK
STPS10M80CG-TR
A1
A2
K
IF
2 x IO
IO
IR
IAR
VF(Io)
VTo
VF(2xIo)
VF
V
I
I
V
VR
VRRM
"Reverse"
"Forward"
VAR
X
X
www.st.com


Similar Part No. - STPS10M80CFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS10M120SF STMICROELECTRONICS-STPS10M120SF Datasheet
324Kb / 9P
120 V power Schottky rectifier
DS12696 - Rev 2 - November 2018
STPS10M60SF STMICROELECTRONICS-STPS10M60SF Datasheet
324Kb / 9P
60 V power Schottky rectifier
DS12677 - Rev 1 - July 2018
STPS10M60SFY STMICROELECTRONICS-STPS10M60SFY Datasheet
474Kb / 11P
Automotive 60 V low VF power Schottky rectifier
06-Aug-2018
More results

Similar Description - STPS10M80CFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com