Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS10M80CFP Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS10M80CFP
Description  Power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS10M80CFP Datasheet(HTML) 3 Page - STMicroelectronics

  STPS10M80CFP Datasheet HTML 1Page - STMicroelectronics STPS10M80CFP Datasheet HTML 2Page - STMicroelectronics STPS10M80CFP Datasheet HTML 3Page - STMicroelectronics STPS10M80CFP Datasheet HTML 4Page - STMicroelectronics STPS10M80CFP Datasheet HTML 5Page - STMicroelectronics STPS10M80CFP Datasheet HTML 6Page - STMicroelectronics STPS10M80CFP Datasheet HTML 7Page - STMicroelectronics STPS10M80CFP Datasheet HTML 8Page - STMicroelectronics STPS10M80CFP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
STPS10M80C
Characteristics
Doc ID 018734 Rev 1
3/11
To evaluate the conduction losses use the following equation:
P = 0.475 x IF(AV) + 0.023 x IF
2
(RMS)
Table 4.
Static electrical characteristics (per diode)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
-
4
20
µA
Tj = 125 °C
-
3.5
15
mA
VF
(2)
Forward voltage drop
Tj = 25 °C
IF = 2.5 A
-
0.540
0.580
V
Tj = 125 °C
-
0.465
0.495
Tj = 25 °C
IF = 5 A
-
0.640
0.705
Tj = 125 °C
-
0.550
0.590
Tj = 25 °C
IF = 10 A
-
0.775
0.850
Tj = 125 °C
-
0.635
0.705
1.
Pulse test: tp = 5 ms, δ < 2 %
2.
Pulse test: tp = 380 µs, δ < 2 %
Figure 2.
Average forward power dissipation
versus average forward current
(per diode)
Figure 3.
Average forward current versus
ambient temperature
(
δ = 0.5, per diode)
0
1
2
3
4
5
0
1
2
3456
7
δ = 0.05 δ = 0.1 δ = 0.2
δ = 0.5
δ = 1
T
δ = t / T
p
t
p
I
(A)
F(AV)
P
(W)
F(AV)
0
1
2
3
4
5
6
0
25
50
75
100
125
150
175
I
(A)
F(AV)
Rth(j-a) = Rth(j-c)
TO-220AB / I PAK / D PAK
22
TO-220FPAB
T
(°C)
amb
Figure 4.
Normalized avalanche power
derating versus pulse duration
Figure 5.
Normalized avalanche power
derating versus junction
temperature
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
P(tp)
P
(1µs)
ARM
ARM
t (µs)
p
0
0.2
0.4
0.6
0.8
1
1.2
25
50
75
100
125
150
P(T )
P
(25 °C)
ARM
j
ARM
T (°C)
j



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com