Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L3G4200D Datasheet(PDF) 8 Page - STMicroelectronics

Part # L3G4200D
Description  MEMS motion sensor: ultra-stable three-axis digital output gyroscope
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3G4200D Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L3G4200D Datasheet HTML 4Page - STMicroelectronics L3G4200D Datasheet HTML 5Page - STMicroelectronics L3G4200D Datasheet HTML 6Page - STMicroelectronics L3G4200D Datasheet HTML 7Page - STMicroelectronics L3G4200D Datasheet HTML 8Page - STMicroelectronics L3G4200D Datasheet HTML 9Page - STMicroelectronics L3G4200D Datasheet HTML 10Page - STMicroelectronics L3G4200D Datasheet HTML 11Page - STMicroelectronics L3G4200D Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
Block diagram and pin description
L3G4200D
8/42
Doc ID 17116 Rev 3
Figure 3.
L3G4200D external low-pass filter values (a)
Table 2.
Pin description
Pin#
Name
Function
1
Vdd_IO
Power supply for I/O pins
2
SCL
SPC
I2C serial clock (SCL)
SPI serial port clock (SPC)
3
SDA
SDI
SDO
I2C serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data output (SDO)
4
SDO
SA0
SPI serial data output (SDO)
I2C least significant bit of the device address (SA0)
5CS
SPI enable
I2C/SPI mode selection (1:SPI idle mode / I2C communication
enabled; 0: SPI communication mode / I2C disabled)
6
DRDY/INT2
Data ready/FIFO interrupt
7
INT1
Programmable interrupt
8
Reserved
Connect to GND
9
Reserved
Connect to GND
10
Reserved
Connect to GND
11
Reserved
Connect to GND
12
Reserved
Connect to GND
13
GND
0 V supply
14
PLLFILT
Phase-locked loop filter (see
Figure 3)
15
Reserved
Connect to Vdd
16
Vdd
Power supply
a.
Pin 14 PLLFILT maximum voltage level is equal to Vdd.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com