Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC322LP4 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC322LP4
Description  GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC322LP4 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC322LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC322LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC322LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC322LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC322LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC322LP4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
10
10 - 181
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Absolute Maximum Ratings
Outline Drawing
Bias Voltage Range (Vee)
-7.0 Vdc
Control Voltage Range
(A, B, & C)
Vee -0.5V to +1.0 Vdc
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Maximum Input Power
26 dBm
ESD Sensitivity (HBM)
Class 1B
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC322LP4 / 322LP4E
GaAs MMIC SP8T NON-REFLECTIVE
SWITCH, DC - 8 GHz
v05.1205
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS]
3. LEAD SPACING TOLERANCE IS NON-CUMULATIVE.
4. PAD BURR LENGTH SHALL BE 0.15mm MAXIMUM.
PAD BURR HEIGHT SHALL BE 0.05mm MAXIMUM.
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm.
6. ALL GROUND LEADS AND GROUND PADDLE MUST BE
SOLDERED TO PCB RF GROUND.
7. REFER TO HITTITE APPLICATION NOTE FOR SUGGESTED
LAND PATTERN.
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC322LP4
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H322
XXXX
HMC322LP4E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
H322
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com