Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC322LP4 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC322LP4
Description  GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC322LP4 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC322LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC322LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC322LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC322LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC322LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC322LP4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
10
10 - 180
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Truth Table
Bias Voltage & Current
Control Voltages
TTL Interface Circuit
Note:
Control inputs A, B, and C can be driven directly with TTL logic with -5 Volts applied to the HCT logic gates Vee pin and to Vee
(pin 8) of the RF Switch.
Control Input
Signal Path State
AB
C
RFCOM to:
High
High
High
RF1
Low
High
High
RF2
High
Low
High
RF3
Low
Low
High
RF4
High
High
Low
RF5
Low
High
Low
RF6
High
Low
Low
RF7
Low
Low
Low
RF8
Vee Range = -5.0 Vdc ± 10%
Vee
(Vdc)
Iee (Typ.)
(mA)
Iee (Max.)
(mA)
-5.0
5.0
9.0
State
Bias Condition
Low
-3V to 0 Vdc @ 25 uA Typical
High
-5 to -4.2 Vdc @ 5 uA Typical
HMC322LP4 / 322LP4E
GaAs MMIC SP8T NON-REFLECTIVE
SWITCH, DC - 8 GHz
v05.1205



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com