Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1796 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # 2SA1796
Description  Switching Power Transistor(-7A PNP)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SA1796 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  2SA1796 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd 2SA1796 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SA1796 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SA1796 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SA1796 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SA1796 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SA1796 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SA1796 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd 2SA1796 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
RATINGS
SHINDENGEN
LSV Series
Switching Power Transistor
OUTLINE DIMENSIONS
Unit : mm
-7A PNP
2SA1796
(TE7T4)
Case : E-pack
●Absolute Maximum Ratings
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55~150
℃
Junction Temperature
Tj
150
℃
Collector to Base Voltage
VCBO
-60
V
Collector to Emitter Voltage
VCEO
-40
V
Emitter to Base Voltage
VEBO
-7
V
Collector Current DC
IC
-7
A
Collector Current Peak
ICP
-14A
Base Current DC
IB
-1.5
A
Base Current Peak
IBP
-2
A
Total Transistor Dissipation
PT
Tc = 25℃
10
W
●Electrical Characteristics (Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Collector to Emitter Sustaining Voltage
VCEO(sus)
IC = -0.1A
Min -40
V
Collector Cutoff Current
ICBO
At rated Voltage
Max -0.1
mA
ICEO
Max -0.1
Emitter Cutoff Current
IEBO
At rated Voltage
Max -0.1
mA
DC Current Gain
hFE
VCE = -2V, IC = -3.5A
Min 70
Collector to Emitter Saturation Voltage
VCE(sat)
IC = -3.5A
Max -0.3
V
Base to Emitter Saturation Voltage
VBE(sat)
IB = -0.2A
Max -1.2
V
Thermal Resistance
θjc
Junction to case
Max 12.5
℃/W
Transition Frequency
fT
VCE = -10V, IC = -0.7A
TYP 50
MHz
Turn on Time
ton
Max 0.3
IC = -3.5A
Storage Time
ts
IB1 = -0.35A, IB2 = -0.35A
Max 1.5
μs
RL = 8Ω, VBB2 = -4V
Fall Time
tf
Max 0.5


Similar Part No. - 2SA1796

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA1796 ISC-2SA1796 Datasheet
287Kb / 2P
Silicon PNP Power Transistor
More results

Similar Description - 2SA1796

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1957 ROHM-2SD1957 Datasheet
39Kb / 1P
Power Transistor (120V, 7A)
logo
Shindengen Electric Mfg...
2SA1598 SHINDENGEN-2SA1598 Datasheet
423Kb / 9P
Switching Power Transistor(-7A PNP)
2SA1879 SHINDENGEN-2SA1879 Datasheet
408Kb / 8P
Switching Power Transistor(-7A PNP)
2SB1283 SHINDENGEN-2SB1283 Datasheet
412Kb / 9P
Darlington Transistor(-7A PNP)
2SC4148 SHINDENGEN-2SC4148 Datasheet
406Kb / 8P
Switching Power Transistor(7A NPN)
2SC4668 SHINDENGEN-2SC4668 Datasheet
413Kb / 9P
Switching Power Transistor(7A NPN)
2SC4981 SHINDENGEN-2SC4981 Datasheet
406Kb / 8P
Switching Power Transistor(7A NPN)
logo
Rohm
2SC4849 ROHM-2SC4849 Datasheet
39Kb / 1P
HIGH-VOLTAGE SWITCHING TRANSISTOR (POWER SUPPLY) ( 120V, 7A)
2SAR583D3 ROHM-2SAR583D3 Datasheet
1Mb / 11P
PNP -7A -50V Power Transistor
2SAR583D3FRA ROHM-2SAR583D3FRA Datasheet
1Mb / 9P
PNP -7A -50V Power Transistor
20220315 - Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com