Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC409LP4 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC409LP4
Description  GaAs InGaP HBT 1 WATT POWER AMPLIFIER, 3.3 - 3.8 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC409LP4 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC409LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC409LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC409LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC409LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC409LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC409LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC409LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC409LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
9
9 - 6
Application Circuit
recommended Component Values
C1 - C5
100pf
C6 - C7
1000pf
C8
10 pf
C9
0.5 pf
C10
1.6 pf
C11
4.7µf
l1, l2
3.9 nH
l3
2.2 nH
r1
56 ohm
Tl1
Tl2
Tl3
impedance
50 ohm
27 ohm
50 ohm
physical length
0.068”
0.062”
0.164”
electrical length
12˚
11˚
29˚
pCB material: 10 mil rogers 4350, er = 3.48
HMC409LP4 / 409LP4E
GaAs InGaP HBT 1 WATT
POWER AMPLIFIER, 3.3 - 3.8 GHz
v03.0710



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com