Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431ASF Datasheet(PDF) 2 Page - HTC Korea TAEJIN Technology Co.

Part # TL431ASF
Description  PROGRAMMABLE PRECISION SHUNT REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TL431ASF Datasheet(HTML) 2 Page - HTC Korea TAEJIN Technology Co.

  TL431ASF Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TL431ASF Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TL431ASF Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TL431ASF Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TL431ASF Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TL431ASF Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TL431ASF Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TL431ASF Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TL431ASF Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PROGRAMMABLE PRECISION SHUNT REGULATOR
TL431/A/C
Dec. 2010 – Rev.1.5
- 2 -
HTC
RECOMMENDED OPERATING CONDITIONS
CHARACTERISTIC
SYMBOL
MIN.
MAX.
UNIT
Cathode Voltage
VKA
VREF
40
V
Cathode Current
IK
0.5
100
mA
Ordering Information
VREF
Package
Tolerance
Order No.
Package Marking
Supplied As
TL431C
TL431-C
TL431GC
TL431GC
Bulk
TL431CTA
TL431-C
0.5%
TL431GCTA
TL431GC
Tape
TL431A
TL431-A
TL431GA
TL431GA
Bulk
TL431ATA
TL431-A
1%
TL431GATA
TL431GA
Tape
TL431
TL431
TL431G
TL431G
Bulk
TL431TA
TL431
TO-92
2%
TL431GTA
TL431G
Tape
TL431CSF
431
0.5%
TL431GCSF
431
Reel
TL431ASF
431
1%
TL431GASF
431
Reel
TL431SF
431
SOT-23
2%
TL431GSF
431
Reel
0.5%
TL431CF
431
Reel
1%
TL431AF
431
Reel
2.495V
SOT-89
2%
TL431F
431
Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com