Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431ASF Datasheet(PDF) 4 Page - HTC Korea TAEJIN Technology Co.

Part # TL431ASF
Description  PROGRAMMABLE PRECISION SHUNT REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TL431ASF Datasheet(HTML) 4 Page - HTC Korea TAEJIN Technology Co.

  TL431ASF Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TL431ASF Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TL431ASF Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TL431ASF Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TL431ASF Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TL431ASF Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TL431ASF Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TL431ASF Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TL431ASF Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PROGRAMMABLE PRECISION SHUNT REGULATOR
TL431/A/C
Dec. 2010 – Rev.1.5
- 4 -
HTC
PIN CONFIGURATION
TO-92 PKG
SOT-23 PKG
SOT-89 PKG
PIN DESCRIPTION
TO-92 / SOT-23 / SOT-89
Pin No.
Name
Function
1
Reference
Reference Voltage
2
Anode
Ground
3
Cathode
Input Supply Voltage
TL431 ELECTRICAL CHARACTERISTICS
(TA=25℃, unless otherwise specified)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
TL431C
2.483
2.495
2.507
TL431A
2.470
2.495
2.520
Reference Input Voltage
VREF
VKA =VREF,
IK =10mA
TL431
2.440
2.495
2.550
V
Deviation of
Reference Input Voltage
ΔVREF/ΔT
VKA = VREF, IK =10mA
TA =Full Range
8
20
mV
ΔVKA=10V -VREF
-1.4
-2.7
Ratio of Change in Reference
Input Voltage to the Change in
Cathode Voltage
ΔVREF/ΔVKA
IK =10mA
ΔVKA=36V-10V
-1.0
-2.0
mV/V
Reference Input Current
IREF
IKA=10mA, R1=10㏀, R2=∞
1.8
4.0
uA
Deviation of Reference Input
Current
ΔIREF/ΔT
IK =10mA, R1=10㏀, R2=∞
TA =Full Range
0.4
1.2
uA
Minimum Cathode Current
for Regulation
IK(MIN)
VKA= VREF
0.5
mA
Off-State Cathode Current
IK(OFF)
VKA=36V, VREF=0
0.17
0.90
uA
Dynamic Impedance
ZKA
VKA= VREF, IK =1mA~100mA
f ≤ 1kHz
0.27
0.50
Ω
TOP
TOP
1 2 3
1
3
1
2
2
3
Marking
Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com