Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

461LP3E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # 461LP3E
Description  InGaP HBT 1 Watt High IP3 AMPLIFIER, 1.7 - 2.2 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

461LP3E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  461LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 461LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 461LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 461LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 461LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 461LP3E Datasheet HTML 6Page - Hittite Microwave Corporation 461LP3E Datasheet HTML 7Page - Hittite Microwave Corporation 461LP3E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 250
HMC461LP3 / 461LP3E
InGaP HBT 1 Watt High IP3
AMPLIFIER, 1.7 - 2.2 GHz
v02.0705
General Description
Features
Functional Diagram
The HMC461LP3 & HMC461LP3E are 1.7 - 2.2 GHz
high output IP3 GaAs InGaP Heterojunction Bipolar
Transistor
(HBT)
dual-channel
MMIC
amplifiers.
The linear performance of two HMC455LP3 high
IP3 drivers is offered in this single IC which can be
configured in a balanced or push-pull amplifier circuit.
The amplifier provides 12 dB of gain and +30.5 dBm
of saturated power at 48% PAE from a single +5 Vdc
supply while utilizing external baluns in a balanced
configuration. The high output IP3 of +45 dBm coupled
with the low VSWR of 1.2:1 make the HMC461LP3
& HMC461LP3E ideal driver amplifiers for PCS/3G
wireless infrastructures. A low cost, leadless 3x3 mm
QFN surface mount package (LP3) houses the dual
MMIC amplifier IC. The LP3 provides an exposed
base for excellent RF and thermal performance.
+45 dBm Output IP3 (Balanced Configuration)
12 dB Gain
48% PAE @ +30.5 dBm Pout
+20 dBm W-CDMA Channel Power @ -45 dBc ACP
3x3 mm QFN SMT Package
Electrical Specifications*, T
A = +25° C, Vs= +5V
Typical Applications
A high linearity 1 watt amplifier for:
• Multi-Carrier Systems
• GSM, GPRS & EDGE
• CDMA & W-CDMA
• PHS
• Balanced or Push-Pull Configurable
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
1.7 - 1.9
1.9 - 2.2
GHz
Gain
10
12.5
9
12
dB
Gain Variation Over Temperature
0.012
0.02
0.012
0.02
dB / °C
Input Return Loss
17
18
dB
Output Return Loss
20
25
dB
Output Power for 1dB Compression (P1dB)
26
29
26.5
29.5
dBm
Saturated Output Power (Psat)
29.5
30.5
dBm
Output Third Order Intercept (IP3)
41
44
42
45
dBm
Noise Figure
6.5
6
dB
Supply Current (Icq)
300
300
mA
* Specifications and data reflect HMC461LP3 measured with external baluns in a balanced amplifier configuration optimized for
1.85 - 2.2 GHz per application circuit herein. Contact HMC Applications for 1.7 - 1.85 GHz performance optimization.


Similar Part No. - 461LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
461LP3E HITTITE-461LP3E Datasheet
434Kb / 8P
InGaP HBT 1 Watt High IP3 AMPLIFIER, 1.7 - 2.2 GHz
More results

Similar Description - 461LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC455LP3 HITTITE-HMC455LP3 Datasheet
313Kb / 8P
InGaP HBT 1/2 Watt High IP3 AMPLIFIER, 1.7 - 2.5 GHz
HMC461LP3 HITTITE-HMC461LP3 Datasheet
362Kb / 8P
InGaP HBT 1 Watt High IP3 AMPLIFIER, 1.7 - 2.2 GHz
HMC457QS16G HITTITE-HMC457QS16G Datasheet
355Kb / 10P
InGaP HBT 1 WATT POWER AMPLIFIER, 1.7 - 2.2 GHz
HMC461LP3 HITTITE-HMC461LP3_06 Datasheet
434Kb / 8P
InGaP HBT 1 Watt High IP3 AMPLIFIER, 1.7 - 2.2 GHz
HMC455LP3 HITTITE-HMC455LP3_06 Datasheet
384Kb / 8P
InGaP HBT 쩍 Watt High IP3 AMPLIFIER, 1.7 - 2.5 GHz
HMC455LP3 HITTITE-HMC455LP3_09 Datasheet
262Kb / 6P
InGaP HBT 쩍 Watt High IP3 AMPLIFIER, 1.7 - 2.5 GHz
HMC457QS16G HITTITE-HMC457QS16G_09 Datasheet
365Kb / 10P
InGaP HBT 1 WATT POWER AMPLIFIER, 1.7 - 2.2 GHz
logo
Analog Devices
HMC454ST89 AD-HMC454ST89 Datasheet
619Kb / 12P
InGaP HBT WATT HIGH IP3 AMPLIFIER,
HMC455LP3 AD-HMC455LP3 Datasheet
372Kb / 6P
InGaP HBT Watt High IP3 AMPLIFIER
HMC461LP3 AD-HMC461LP3 Datasheet
474Kb / 8P
InGaP HBT 1 Watt High IP3 AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com