Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

461LP3E Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # 461LP3E
Description  InGaP HBT 1 Watt High IP3 AMPLIFIER, 1.7 - 2.2 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

461LP3E Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  461LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 461LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 461LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 461LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 461LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 461LP3E Datasheet HTML 6Page - Hittite Microwave Corporation 461LP3E Datasheet HTML 7Page - Hittite Microwave Corporation 461LP3E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 252
Power Compression @ 1.95 GHz
Output IP3 vs. Temperature
Noise Figure vs. Temperature
Gain & Power vs.
Supply Voltage @ 2.15 GHz
Reverse Isolation vs. Temperature
Power Compression @ 2.15 GHz
Specifications and data reflect HMC461LP3 measured with external baluns in a balanced
amplifier configuration optimized for 1.85 - 2.2 GHz per application circuit herein.
Contact HMC Applications for 1.7 - 1.85 GHz performance optimization.
0
6
12
18
24
30
36
42
48
54
-10
-4
2
8
14
20
26
Pout
Gain
PAE
INPUT POWER (dBm)
0
6
12
18
24
30
36
42
48
54
-10
-4
2
8
14
20
26
Pout
Gain
PAE
INPUT POWER (dBm)
-30
-25
-20
-15
-10
-5
0
1.5
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
+25C
+85C
-40C
FREQUENCY (GHz)
0
2
4
6
8
10
1.7
1.8
1.9
2
2.1
2.2
2.3
+25C
+85C
-40C
FREQUENCY (GHz)
35
38
41
44
47
50
1.7
1.8
1.9
2
2.1
2.2
2.3
+25C
+85C
-40C
FREQUENCY (GHz)
8
10
12
14
16
18
20
22
24
26
28
30
32
4. 5
4.75
5
5. 25
5.5
Gain
P1dB
Ps at
S UP P LY V OL T AG E (V dc)
HMC461LP3 / 461LP3E
InGaP HBT 1 Watt High IP3
AMPLIFIER, 1.7 - 2.2 GHz
v02.0705



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com