Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4668 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # 2SC4668
Description  Switching Power Transistor(7A NPN)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SC4668 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  2SC4668 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd 2SC4668 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SC4668 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SC4668 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SC4668 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SC4668 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SC4668 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SC4668 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd 2SC4668 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
RATINGS
SHINDENGEN
LSV Series
Switching Power Transistor
OUTLINE DIMENSIONS
Unit : mm
7A NPN
2SC4668
(TE7S4)
Case : E-pack
●Absolute Maximum Ratings
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55~150
Junction Temperature
Tj
150
Collector to Base Voltage
VCBO
60
V
Collector to Emitter Voltage
VCEO
40
V
Emitter to Base Voltage
VEBO
7V
Collector Current DC
IC
7A
Collector Current Peak
ICP
14A
Base Current DC
IB
1.5
A
Base Current Peak
IBP
2A
Total Transistor Dissipation
PT
Tc = 25℃
10
W
●Electrical Characteristics (Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Collector to Emitter Sustaining Voltage
VCEO(sus)
IC = 0.1A
Min 40
V
Collector Cutoff Current
ICBO
At rated Voltage
Max 0.1
mA
ICEO
Max 0.1
Emitter Cutoff Current
IEBO
At rated Voltage
Max 0.1
mA
DC Current Gain
hFE
VCE = 2V, IC = 3.5A
Min 70
Collector to Emitter Saturation Voltage
VCE(sat)
IC = 3.5A
Max 0.3
V
Base to Emitter Saturation Voltage
VBE(sat)
IB = 0.2A
Max 1.2
V
Thermal Resistance
θjc
Junction to case
Max 12.5
℃/W
Transition Frequency
fT
VCE = 10V, IC = 0.7A
TYP 50
MHz
Turn on Time
ton
Max 0.3
IC = 3.5A
Storage Time
ts
IB1 = 0.35A, IB2 = 0.35A
Max 1.5
μs
RL = 8Ω, VBB2 = 4V
Fall Time
tf
Max 0.5


Similar Part No. - 2SC4668

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4660 SANYO-2SC4660 Datasheet
79Kb / 3P
High-Definition CRT Display Video Output Driver Applications??????
logo
Sanken electric
2SC4662 SANKEN-2SC4662 Datasheet
24Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)
logo
Inchange Semiconductor ...
2SC4662 ISC-2SC4662 Datasheet
107Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC4662 SAVANTIC-2SC4662 Datasheet
238Kb / 4P
Silicon NPN Power Transistors
2SC4662 SAVANTIC-2SC4662 Datasheet
239Kb / 4P
Silicon NPN Power Transistors
More results

Similar Description - 2SC4668

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SA1598 SHINDENGEN-2SA1598 Datasheet
423Kb / 9P
Switching Power Transistor(-7A PNP)
2SA1796 SHINDENGEN-2SA1796 Datasheet
407Kb / 9P
Switching Power Transistor(-7A PNP)
2SA1879 SHINDENGEN-2SA1879 Datasheet
408Kb / 8P
Switching Power Transistor(-7A PNP)
2SC4148 SHINDENGEN-2SC4148 Datasheet
406Kb / 8P
Switching Power Transistor(7A NPN)
2SC4981 SHINDENGEN-2SC4981 Datasheet
406Kb / 8P
Switching Power Transistor(7A NPN)
2SD1791 SHINDENGEN-2SD1791 Datasheet
444Kb / 9P
Darlington Transistor(7A NPN)
2SD1792 SHINDENGEN-2SD1792 Datasheet
442Kb / 9P
Darlington Transistor(7A NPN)
logo
Rohm
2SC4849 ROHM-2SC4849 Datasheet
39Kb / 1P
HIGH-VOLTAGE SWITCHING TRANSISTOR (POWER SUPPLY) ( 120V, 7A)
2SCR583D3 ROHM-2SCR583D3 Datasheet
1Mb / 11P
NPN 7A 50V Power Transistor
2SCR583D3FRA ROHM-2SCR583D3FRA Datasheet
1Mb / 9P
NPN 7A 50V Power Transistor
20220315 - Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com