Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

533LP4E Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # 533LP4E
Description  MMIC VCO w/ DIVIDE-BY-16, 23.8 - 24.8 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

533LP4E Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  533LP4E Datasheet HTML 1Page - Hittite Microwave Corporation 533LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 533LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 533LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 533LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 533LP4E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 154
HMC533LP4 / 533LP4E
MMIC VCO w/ DIVIDE-BY-16,
23.8 - 24.8 GHz
v00.0405
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
3, 4
VCC2, VCC3
Supply voltage for prescaler.
If prescaler is not required, these pins may be
left open to conserve 100 mA of current
5-14, 18,
19, 24
N/C
No Connection. These pins may be connected to RF/
DC ground. Performance will not be affected.
16
RFOUT
RF output (AC coupled).
20
VCC1
Supply Voltage, +5V
22
VTUNE
Control Voltage Input. Modulation port bandwidth
dependent on drive source impedance.
Typical Application Circuit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com