Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

533LP4E Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # 533LP4E
Description  MMIC VCO w/ DIVIDE-BY-16, 23.8 - 24.8 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

533LP4E Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  533LP4E Datasheet HTML 1Page - Hittite Microwave Corporation 533LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 533LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 533LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 533LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 533LP4E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 155
The circuit board used in the final application should
use RF circuit design techniques. Signal lines
should have 50 ohm impedance while the package
ground leads and backside ground slug should be
connected directly to the ground plane similar to that
shown. A sufficient number of via holes should be
used to connect the top and bottom ground planes.
The evaluation circuit board shown is available from
Hittite upon request.
Evaluation PCB
List of Materials for Evaluation PCB 106651 [1]
Item
Description
J1 - J2
PCB Mount SMA RF Connector
J3
2.92 mm PCB mount k-connector
J4 - J5
2 mm DC Header
C1 - C2
4.7 μF Tantalum Capacitor
C3
100 pF Capacitor, 0402 Pkg.
C4 -C5
1,000 pF Capacitor, 0603 Pkg.
U1
HMC533LP4 / HMC533LP4E VCO
PCB [2]
106546 Eval Board
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
HMC533LP4 / 533LP4E
MMIC VCO w/ DIVIDE-BY-16,
23.8 - 24.8 GHz
v00.0405



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com