Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

536LP2E Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # 536LP2E
Description  GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

536LP2E Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  536LP2E Datasheet HTML 1Page - Hittite Microwave Corporation 536LP2E Datasheet HTML 2Page - Hittite Microwave Corporation 536LP2E Datasheet HTML 3Page - Hittite Microwave Corporation 536LP2E Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
11
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11 - 147
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
1
A
See truth and control voltage tables.
3
B
See truth and control voltage tables.
2, 4, 6
RFC, RF1, RF2
These pins are DC coupled and matched to 50 Ohms.
Blocking capacitors are required.
5N/C
This pin should be connected to
RF ground to achieve best isolation.
GND
Package bottom has exposed metal paddle
that must be connected to RF/DC ground.
HMC536LP2 / 536LP2E
v02.0409
GaAs MMIC POSITIVE CONTROL
T/R SWITCH, DC - 6 GHz
Evaluation PCB
The circuit board used in the final application should
be generated with proper RF circuit design tech-
niques. Signal lines at the RF port should have 50
ohm impedance and the package ground leads and
exposed paddle should be connected directly to the
ground plane similar to that shown above. The eval-
uation circuit board shown above is available from
Hittite Microwave Corporation upon request.
List of Materials for Evaluation PCB 115195 [1]
Item
Description
J1 - J3
PCB Mount SMA RF Connector
J4 - J6
DC Pin
C1 - C3
100 pF Capacitor, 0402 Pkg.
R1 - R2
1K Ohm Resistor, 0402 Pkg.
U1
HMC536LP2(E) SPDT Switch
PCB [2]
115194 Evaluation PCB
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com