Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

536LP2E Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # 536LP2E
Description  GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

536LP2E Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  536LP2E Datasheet HTML 1Page - Hittite Microwave Corporation 536LP2E Datasheet HTML 2Page - Hittite Microwave Corporation 536LP2E Datasheet HTML 3Page - Hittite Microwave Corporation 536LP2E Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
11
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11 - 145
-2
-1.5
-1
-0.5
0
012345
6
+25 C
+85 C
-40 C
FREQUENCY (GHz)
Return Loss
Insertion Loss
Isolation Between
Ports RFC and RF1 / RF2
Input 0.1 dB Compression Point
Input Third Order
Intercept Point, Vctl = 3v
Isolation Between Ports RF1 and RF2
40
44
48
52
56
60
64
012345
6
+25C
+85C
-40C
FREQUENCY (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
012345
6
RF1-RF2
FREQUENCY (GHz)
26
28
30
32
34
36
38
40
012345
6
5V
3V
FREQUENCY (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
012345
6
RF1
RF2
FREQUENCY (GHz)
-35
-30
-25
-20
-15
-10
-5
0
012345
6
RFC
RF1
RF2
FREQUENCY (GHz)
HMC536LP2 / 536LP2E
v02.0409
GaAs MMIC POSITIVE CONTROL
T/R SWITCH, DC - 6 GHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com