Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

540LP3E Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # 540LP3E
Description  1 dB LSB GaAs MMIC 4-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 5.5 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

540LP3E Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  540LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 540LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 540LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 540LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 540LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 540LP3E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
5
5 - 173
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Absolute Maximum Ratings
Outline Drawing
RF Input Power (DC - 5.5 GHz)
+29 dBm (T = +85 °C)
Control Voltage Range (V1 to V4)
-1V to Vdd +1V
Bias Voltage (Vdd)
+7.0 Vdc
Channel Temperature
150 °C
Continuous Pdiss (T = 85 °C)
(derate 11.7 mW/°C above 85 °C)
0.769 W
Thermal Resistance
85 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS]
3. LEAD SPACING TOLERANCE IS NON-CUMULATIVE
4. PAD BURR LENGTH SHALL BE 0.15mm MAXIMUM.
PAD BURR HEIGHT SHALL BE 0.05mm MAXIMUM.
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm.
6. ALL GROUND LEADS AND GROUND PADDLE MUST BE
SOLDERED TO PCB RF GROUND.
7. REFER TO HITTITE APPLICATION NOTE FOR SUGGESTED
LAND PATTERN.
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC540LP3 / 540LP3E
1 dB LSB GaAs MMIC 4-BIT DIGITAL
POSITIVE CONTROL ATTENUATOR, DC - 5.5 GHz
v00.0605
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC540LP3
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
540
XXXX
HMC540LP3E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
540
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com