Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

540LP3E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # 540LP3E
Description  1 dB LSB GaAs MMIC 4-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 5.5 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

540LP3E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  540LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 540LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 540LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 540LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 540LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 540LP3E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
5
5 - 170
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC540LP3 / 540LP3E
1 dB LSB GaAs MMIC 4-BIT DIGITAL
POSITIVE CONTROL ATTENUATOR, DC - 5.5 GHz
v00.0605
Functional Diagram
Electrical Specifications,
T
A = +25° C, With Vdd = +5V & Vctl = 0/+5V (Unless Otherwise Noted)
The HMC540LP3 / HMC540LP3E is ideal for both RF
and IF applications:
• Cellular Infrastructure
• ISM, MMDS, WLAN, WiMAX, WiBro
• Microwave Radio & VSAT
• Test Equipment and Sensors
1 dB LSB Steps to 15 dB
± 0.2 dB Typical Step Error
Low Insertion Loss: 1 dB
High IP3: +50 dBm
Single Control Line Per Bit
TTL/CMOS Compatible Control
Single +5V Supply
3x3 mm SMT Package
The HMC540LP3 & HMC540LP3E are broadband
4-bit GaAs IC digital attenuators in low cost leadless
surface mount packages. This single positive control
line per bit digital attenuator utilizes off chip AC
ground capacitors for near DC operation, making it
suitable for a wide variety of RF and IF applications.
Covering DC to 5.5 GHz, the insertion loss is less
than 1 dB typical. The attenuator bit values are
1 (LSB), 2, 4 and 8 dB for a total attenuation of 15 dB.
Attenuation accuracy is excellent at ± 0.2 dB typical
step error. The attenuator also features a IIP3 of +50
dBm. Four TTL/CMOS control inputs are used to
select each attenuation state. A single Vdd bias of
+5V is required.
Parameter
Frequency (GHz)
Min.
Typ.
Max.
Units
Insertion Loss
DC - 2.0 GHz
2.0 - 3.0 GHz
3.0 - 4.0 GHz
4.0 -5.5 GHz
0.8
1.0
1.3
2.2
1.1
1.3
1.6
2.6
dB
dB
dB
dB
Attenuation Range
DC - 5.5 GHz
15
dB
Return Loss (RF1 & RF2, All Atten. States)
DC - 3.5 GHz
3.5 - 5.5 GHz
20
15
dB
dB
Attenuation Accuracy:
(Referenced to Insertion Loss)
All States
DC - 1.0 GHz
1.0 - 4.0 GHz
4.0 - 5.0 GHz
5.0 - 5.5 GHz
± (0.2 + 2% of Atten. Setting) Max.
± (0.2 + 3% of Atten. Setting) Max.
± (0.3 + 5% of Atten. Setting) Max.
± (0.4 + 8% of Atten. Setting) Max.
dB
dB
dB
dB
Input Power for 0.1 dB Compression
0.1 - 5.5 GHz
27
dBm
Input Third Order Intercept Point
(Two-Tone Input Power= 0 dBm Each Tone)
REF - 4 dB States
5 - 15 dB States
0.1 - 5.5 GHz
50
45
dBm
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
DC -5.5 GHz
95
100
ns
ns
Typical Applications
Features
General Discription


Similar Part No. - 540LP3E

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
540LB7C HB-540LB7C Datasheet
725Kb / 9P
LED
logo
List of Unclassifed Man...
540LW7C ETC2-540LW7C Datasheet
164Kb / 4P
LED SPECIFICATION
More results

Similar Description - 540LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC468LP3 HITTITE-HMC468LP3 Datasheet
206Kb / 6P
1 dB LSB GaAs MMIC 3-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 6.0 GHz
HMC470LP3 HITTITE-HMC470LP3 Datasheet
393Kb / 6P
1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.0 GHz
HMC540LP3 HITTITE-HMC540LP3 Datasheet
327Kb / 6P
1 dB LSB GaAs MMIC 4-BIT DIG POSITIVE CONTROL ATTENUATOR, DC - 5.5 GHz
HMC235QS16G HITTITE-HMC235QS16G_01 Datasheet
205Kb / 6P
1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 4 GHz
HMC467LP3 HITTITE-HMC467LP3_08 Datasheet
206Kb / 6P
2 dB LSB GaAs MMIC 2-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 6 GHz
HMC468LP3 HITTITE-HMC468LP3_08 Datasheet
225Kb / 6P
1 dB LSB GaAs MMIC 3-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 6 GHz
HMC470LP3 HITTITE-HMC470LP3_08 Datasheet
269Kb / 6P
1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3 GHz
HMC539LP3 HITTITE-HMC539LP3_08 Datasheet
240Kb / 6P
0.25 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 4 GHz
logo
Analog Devices
HMC470ALP3 AD-HMC470ALP3 Datasheet
1Mb / 4P
1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3 GHz
HMC472ALP4 AD-HMC472ALP4 Datasheet
717Kb / 8P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.8 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com