Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCT013 Datasheet(PDF) 1 Page - BeRex Corporation

Part # BCT013
Description  1500-4000 MHz Medium Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCT013 Datasheet(HTML) 1 Page - BeRex Corporation

  BCT013 Datasheet HTML 1Page - BeRex Corporation BCT013 Datasheet HTML 2Page - BeRex Corporation BCT013 Datasheet HTML 3Page - BeRex Corporation BCT013 Datasheet HTML 4Page - BeRex Corporation BCT013 Datasheet HTML 5Page - BeRex Corporation BCT013 Datasheet HTML 6Page - BeRex Corporation BCT013 Datasheet HTML 7Page - BeRex Corporation BCT013 Datasheet HTML 8Page - BeRex Corporation BCT013 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
BeRex
BCT013
http: //www.berex.com
Confidential
1500-4000 MHz Medium Power Amplifier
Device Features
Target Device Performance (Ta = 25°C)
Symbols
Parameters Test Conditions
Min
Typ
Max
Unit
Gain
1900MHz
2140MHz
2400MHz
3500MHz
14.0
13.0
12.2
9.7
15.1
14.0
13.3
10.7
dB
S11
1900MHz
2140MHz
2400MHz
3500MHz
-17.3
-12.0
-12.8
-25.3
dB
S22
1900MHz
2140MHz
2400MHz
3500MHz
-12.8
-12.0
-12.9
-25.3
dB
OIP3
1900MHz
2140MHz
2400MHz
3500MHz
42
42
40
37
45.0
45.2
43.1
40.2
dBm
P1dB
1900MHz
2140MHz
2400MHz
3500MHz
26.5
26.2
26.0
25.0
27.5
27.1
27.2
25.9
dBm
NF
1900MHz
2140MHz
2400MHz
3500MHz
6.8
dB
Ic
Vc = 5.0V
118
138
158
mA
Vc
5.0
V
Rth
Thermal Resistance
50
°C/W
Test conditions unless otherwise noted.
1.
T = 25
°C, Vdevice = 5.0V, 50 ohm system.
2.
OIP3 is measured on an eval-board with two tones separated by 1 MHz.
• 45.0 dBm Output IP3 at 13dBm/tone
• 15.0 dB Gain at 1900MHz
• 27.5 dBm P1dB at 1900 MHz
• Patented Over Voltage Protection Circuit
•Application: commercial


Similar Part No. - BCT013

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BCT05CV BEREX-BCT05CV Datasheet
299Kb / 8P
5-4000 MHz Wideband Drive Amplifier
More results

Similar Description - BCT013

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BT05VG BEREX-BT05VG Datasheet
562Kb / 11P
1500-4000 MHz Wideband Drive Amplifier
BT013 BEREX-BT013 Datasheet
883Kb / 15P
1500-4000 MHz Medium Power Amplifier
BT05VG BEREX-BT05VG_1 Datasheet
1Mb / 14P
1500-4000 MHz Wideband Drive Amplifier
BT05VG2 BEREX-BT05VG2_1 Datasheet
1Mb / 14P
1500-4000 MHz Wideband Drive Amplifier
BT013 BEREX-BT013_1 Datasheet
1Mb / 15P
1500-4000 MHz Medium Power Amplifier
BT05VG2 BEREX-BT05VG2_16 Datasheet
2Mb / 14P
1500-4000 MHz Wideband Drive Amplifier
BT013 BEREX-BT013_16 Datasheet
2Mb / 15P
1500-4000 MHz Medium Power Amplifier
BT05VG BEREX-BT05VG_18 Datasheet
1Mb / 14P
1500-4000 MHz Wideband Drive Amplifier
BT05VG2 BEREX-BT05VG2_18 Datasheet
1Mb / 14P
1500-4000 MHz Wideband Drive Amplifier
BT013 BEREX-BT013_18 Datasheet
1Mb / 15P
1500-4000 MHz Medium Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com