Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCT013 Datasheet(PDF) 4 Page - BeRex Corporation

Part # BCT013
Description  1500-4000 MHz Medium Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCT013 Datasheet(HTML) 4 Page - BeRex Corporation

  BCT013 Datasheet HTML 1Page - BeRex Corporation BCT013 Datasheet HTML 2Page - BeRex Corporation BCT013 Datasheet HTML 3Page - BeRex Corporation BCT013 Datasheet HTML 4Page - BeRex Corporation BCT013 Datasheet HTML 5Page - BeRex Corporation BCT013 Datasheet HTML 6Page - BeRex Corporation BCT013 Datasheet HTML 7Page - BeRex Corporation BCT013 Datasheet HTML 8Page - BeRex Corporation BCT013 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
BeRex
BCT013
http: //www.berex.com
Confidential
S-Parameter
(5V/135mA)
Freq
S11
S11
S21
S21
S12
S12
S22
S22
[MHz]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
100
-0.046
-30.149
2.219
-128.4
-41.958
66.107
-3.497
165.97
500
-0.952
-116.77
6.737
-174.18
-32.703
25.318
-3.457
162.64
1000
-1.111
-162.01
13.26
161.56
-32.513
76.255
-7.557
117.5
1500
-0.928
157.99
10.718
121.35
-30.171
46.516
-7.780
127.17
2000
-1.240
129.31
9.181
101.55
-28.599
42.527
-7.262
116.25
2500
-1.390
104.6
8.334
81.201
-26.76
37.808
-7.180
97.537
3000
-1.669
82.694
6.491
66.725
-26.706
32.623
-7.38
74.648
3500
-1.989
60.455
6.124
51.795
-25.792
26.141
-7.336
50.666
4000
-2.281
37.752
5.024
33.795
-24.653
20.698
-6.823
32.131
Application Circuit: 1900 MHz
Schematic Diagram
BOM
Tolerance
C3
C1
C2
L1
C4
C6
C5
C7
RF In
RF Out
Vcc
BT013
C1
100pF
±5%
C2
1000pF
±5%
C3
10uF
±15%
C4
22pF
±5%
C5
22pF
±5%
C6
3.0pF
±5%
C7
0.5pF
±5%
L1
100nH
±5%
Note:
1. Chip is mounted on the PF083 open
PKG, and bonded with 2-wires at
both input and output.
2. PCB: 31mil thick FR4
3. Distance between the center of the
shunt cap(C6) and the input pin of
BT013 is 3.2mm
4. Distance between the center of the
shunt cap(C7) and the output pin of
BT03 is 8.3mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com