Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC591LP5 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC591LP5
Description  GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC591LP5 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC591LP5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC591LP5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC591LP5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC591LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC591LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC591LP5 Datasheet HTML 6Page - Hittite Microwave Corporation HMC591LP5 Datasheet HTML 7Page - Hittite Microwave Corporation HMC591LP5 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 305
v02.0107
GaAs PHEMT MMIC 2 WATT
POWER AMPLIFIER, 6.0 - 9.5 GHz
Reverse Isolation
vs. Temperature, 7V @ 1340 mA
Power Dissipation
-80
-60
-40
-20
0
6789
10
+25C
+85C
-40C
FREQUENCY (GHz)
Gain & Power vs. Supply Voltage @ 8 GHz
Gain & Power vs. Supply Current @ 8 GHz
16
20
24
28
32
36
6.5
7
7.5
Gain
P1dB
Psat
Vdd SUPPLY VOLTAGE (Vdc)
16
20
24
28
32
36
940
1140
1340
Gain
P1dB
Psat
Idd SUPPLY CURRENT (mA)
6
7
8
9
10
-14
-10
-6
-2
2
6
10
14
6 GHz
7 GHz
8 GHz
9 GHz
10 GHz
INPUT POWER (dBm)
Absolute Maximum Ratings
Drain Bias Voltage (Vdd)
+8 Vdc
Gate Bias Voltage (Vgg)
-2.0 to 0 Vdc
RF Input Power (RFIN)(Vdd = +7.0 Vdc) +15 dBm
Channel Temperature
175 °C
Continuous Pdiss (T= 75 °C)
(derate 104.3 mW/°C above 75 °C)
10.43 W
Thermal Resistance
(channel to package bottom)
9.59 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Vdd (V)
Idd (mA)
+6.5
1350
+7.0
1340
+7.5
1330
Typical Supply Current vs. Vdd
Note: Amplifier will operate over full voltage ranges shown
above Vgg adjusted to achieve Idd = 1340 mA at +7.0V
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC591LP5 / 591LP5E



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com