Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC591LP5 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC591LP5
Description  GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC591LP5 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC591LP5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC591LP5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC591LP5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC591LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC591LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC591LP5 Datasheet HTML 6Page - Hittite Microwave Corporation HMC591LP5 Datasheet HTML 7Page - Hittite Microwave Corporation HMC591LP5 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 304
v02.0107
GaAs PHEMT MMIC 2 WATT
POWER AMPLIFIER, 6.0 - 9.5 GHz
Power Compression @ 8 GHz,
7V @ 1340 mA
Output IP3 vs. Temperature
7V @ 940 mA, Pin/Tone = -15 dBm
Output IM3, 7V @ 940 mA
Output IM3, 7V @ 1340 mA
10
20
30
40
50
60
70
80
90
100
-20
-16
-12
-8
-4
0
4
8
6 GHz
7 GHz
8 GHz
9 GHz
10 GHz
Pin/Tone (dBm)
0
5
10
15
20
25
30
35
-14
-10
-6
-2
2
6
10
14
18
Pout
Gain
PAE
INPUT POWER (dBm)
0
20
40
60
80
100
-20
-16
-12
-8
-4
0
4
8
6 GHz
7 GHz
8 GHz
9 GHz
10 GHz
Pin/Tone (dBm)
26
30
34
38
42
46
6
6.5
7
7.5
8
8.5
9
9.5
10
+25C
+85C
-40C
FREQUENCY (GHz)
Psat vs. Current
P1dB vs. Current
26
28
30
32
34
36
6
6.5
7
7.5
8
8.5
9
9.5
10
940 mA
1140 mA
1340 mA
FREQUENCY (GHz)
26
28
30
32
34
36
6
6.5
7
7.5
8
8.5
9
9.5
10
940 mA
1140 mA
1340 mA
FREQUENCY (GHz)
HMC591LP5 / 591LP5E



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com