Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC618LP3 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC618LP3
Description  GaAs SMT pHEMT LOW NOISE AMPLIFIER, 1.2 - 2.2 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC618LP3 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC618LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC618LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC618LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC618LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC618LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC618LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC618LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC618LP3 Datasheet HTML 8Page - Hittite Microwave Corporation HMC618LP3 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 1
HMC618LP3 / 618LP3E
GaAs SMT pHEMT LOW NOISE
AMPLIFIER, 1.2 - 2.2 GHz
v08.1210
General Description
Features
Functional Diagram
Noise figure: 0.75 dB
Gain: 19 dB
oip3: 36 dBm
single supply: +3V to +5V
50 ohm matched input/output
16 lead 3x3mm smT package: 9 mm2
Typical Applications
Electrical Specifications
T
A = +25° C, Rbias = 470 Ohm for Vdd1 = Vdd2 = 5V
parameter
Vdd = 5 Vdc
Units
min.
Typ.
max.
min.
Typ.
max.
min.
Typ.
max.
frequency range
1200 - 1700
1700 - 2000
2000 - 2200
mHz
Gain
19
23
16
19
13.5
17
dB
Gain Variation over Temperature
0.012
0.008
0.008
dB/°C
Noise figure
0.65
0.85
0.75
1.1
0.85
1.15
dB
input return loss
22.5
18
19.5
dB
output return loss
13
12.5
10
dB
output power for 1 dB
Compression (p1dB)
14.5
19
16.5
20
18
20
dBm
saturated output power (psat)
20.5
20.5
20.5
dBm
output Third order intercept (ip3)
33.5
35
35.5
dBm
supply Current (idd)
89
118
89
118
89
118
mA
* rbias resistor sets current, see application circuit herein
The HmC618lp3e is a GaAs pHemT mmiC
low Noise Amplifier that is ideal for Cellular/3G and
lTe/wimAX/4G
basestation
front-end
receivers
operating between 1.2 - 2.2 GHz. The amplifier has
been optimized to provide 0.75 dB noise figure,
19 dB gain and +36 dBm output ip3 from a single
supply of +5V. input and output return losses are
excellent and the lNA requires minimal external
matching and bias decoupling components. The
HmC618lp3e shares the same package and pinout
with the HmC617lp3e 0.55 - 1.2 GHz lNA. The
HmC618lp3e can be biased with +3V to +5V and
features an externally adjustable supply current
which allows the designer to tailor the linearity
performance of the lNA for each application. The
HmC618lp3(e) offers improved noise figure versus
the previously released HmC375lp3(e) and the
HmC382lp3(e).
The HmC618lp3e is ideal for:
• Cellular/3G and lTe/wimAX/4G
• BTs & infrastructure
• repeaters and femto Cells
• public safety radios


Similar Part No. - HMC618LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC618LP3 HITTITE-HMC618LP3 Datasheet
326Kb / 10P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC618LP3E HITTITE-HMC618LP3E Datasheet
326Kb / 10P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
logo
Analog Devices
HMC618LP3E AD-HMC618LP3E Datasheet
865Kb / 14P
GaAs SMT pHEMT LOW NOISE AMPLIFIER
More results

Similar Description - HMC618LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC375LP3 HITTITE-HMC375LP3 Datasheet
239Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC382LP3 HITTITE-HMC382LP3 Datasheet
292Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC375LP3 HITTITE-HMC375LP3_06 Datasheet
311Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC618LP3 HITTITE-HMC618LP3 Datasheet
326Kb / 10P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC818LP4E HITTITE-HMC818LP4E Datasheet
463Kb / 10P
GaAs SMT PHEMT DUAL CHANNEL LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC375LP3 HITTITE-HMC375LP3_10 Datasheet
218Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC382LP3 HITTITE-HMC382LP3_10 Datasheet
214Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC617LP3 HITTITE-HMC617LP3 Datasheet
1Mb / 8P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 0.55 - 1.2 GHz
HMC818LP4E HITTITE-HMC818LP4E_10 Datasheet
1Mb / 10P
GaAs SMT pHEMT DUAL CHANNEL LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC618ALP3E HITTITE-HMC618ALP3E Datasheet
1Mb / 16P
GaAs SMT pHEMT LOW NOISE AMPLIFIER, 1.2 - 2.2 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com