Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC694LP4 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC694LP4
Description  GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER, 6 - 17 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC694LP4 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC694LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC694LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC694LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC694LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC694LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC694LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC694LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC694LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
12 - 1
12
HMC694LP4 / 694LP4E
v02.1108
Functional Diagram
The HmC694lp4(e) is a gaas mmiC pHemT analog
variable gain amplifier which operates between 6 and
17 gHz. ideal for microwave radio applications, the
amplifier provides up to 22 db of gain, output p1 db
of up to +22 dbm, and up to +30 dbm of output ip3
at maximum gain, while requiring only 175 ma from
a +5V supply. a gate bias pin (Vctrl) is provided to
allow variable gain control up to 23 db. gain flatness
is excellent making the HmC694lp4e ideal for eW,
eCm and radar applications. The HmC694lp4e is
housed in a roHs compliant 4x4 mm Qfn leadless
package and is compatible with high volume surface
mount manufacturing.
Typical Applications
Features
General Description
GaAs MMIC ANALOG VARIABLE
GAIN AMPLIFIER, 6 - 17 GHz
The HmC694lp4(e) is ideal for:
• point-to-point radio
• point-to-multi-point radio
• eW & eCm
• X-band radar
• Test equipment
Wide gain Control range: 23 db
single Control Voltage
Output ip3 @ max gain: +30 dbm
Output p1db: +22 dbm
no external matching
24 lead 4x4 mm smT package: 16 mm2
Electrical Specifications, T
A = +25°C, Vdd1, 2, 3= 5V, Vctrl= -2V, Idd= 170 mA*
parameter
min.
Typ.
max.
min.
Typ.
max.
Units
frequency range
6 - 10
10 - 17
gHz
gain
19
22
14
18
db
gain flatness
±1
±1.5
db
gain Variation Over Temperature
0.015
0.015
db/ °C
gain Control range
23
20
db
noise figure
6
7.5
6
6.5
db
input return loss
15
8
db
Output return loss
10
8
db
Output power for 1 db Compression (p1db)
19
21
21
22
dbm
saturated Output power (psat)
22
23
dbm
Output Third Order intercept (ip3)
30
30
dbm
Total supply Current (idd)
175
175
ma
*set Vctrl = -2V and then adjust Vgg1, 2 between -2V to 0V (typ. -0.8V) to achieve idd = 170ma typical.


Similar Part No. - HMC694LP4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC694LP4 AD-HMC694LP4 Datasheet
483Kb / 8P
GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER
More results

Similar Description - HMC694LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC626LP5 HITTITE-HMC626LP5 Datasheet
380Kb / 8P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
HMC625LP5 HITTITE-HMC625LP5 Datasheet
351Kb / 10P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 6 GHz
HMC972LP5E HITTITE-HMC972LP5E Datasheet
1Mb / 10P
GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER, 0.5 - 6.0 GHz
HMC625HFLP5E HITTITE-HMC625HFLP5E Datasheet
655Kb / 8P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 0.5 - 6 GHz
HMC625LP5 HITTITE-HMC625LP5_10 Datasheet
494Kb / 8P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 6 GHz
HMC694 HITTITE-HMC694 Datasheet
551Kb / 8P
GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER, 6 - 17 GHz
HMC903LP3E HITTITE-HMC903LP3E Datasheet
1Mb / 8P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 6 - 17 GHz
HMC997LC4 HITTITE-HMC997LC4 Datasheet
486Kb / 8P
Variable Gain Amplifier 17 to 27 GHz
logo
Analog Devices
HMC694 AD-HMC694 Datasheet
466Kb / 8P
GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER
HMC694LP4 AD-HMC694LP4 Datasheet
483Kb / 8P
GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com