Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC694LP4 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC694LP4
Description  GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER, 6 - 17 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC694LP4 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC694LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC694LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC694LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC694LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC694LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC694LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC694LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC694LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
12 - 3
12
[1] Tested with broadband bias tee on rf ports and C1 = 10,000pf
[2] C1, C6 and C8 = 100pf, l1 = 24nf
HMC694LP4 / 694LP4E
v02.1108
GaAs MMIC ANALOG VARIABLE
GAIN AMPLIFIER, 6 - 17 GHz
P1dB vs. Temperature
Psat vs. Temperature
0
4
8
12
16
20
24
28
4
6
8
10
12
14
16
18
+25C
+85C
-40C
FREQUENCY (GHz)
Vctrl = -2V
Vctrl = 0V
0
4
8
12
16
20
24
28
4
6
8
10
12
14
16
18
+25C
+85C
-40C
FREQUENCY (GHz)
Vctrl = -2V
Vctrl = 0V
Noise Figure vs. Temperature
0
2
4
6
8
10
6
8
10
12
14
16
18
+25C
+85C
-40C
FREQUENCY (GHz)
Return Loss @ Voltage Extreme
Output Return Loss @ Voltage Extreme
-30
-25
-20
-15
-10
-5
0
6
8
10
12
14
16
18
-2V
0V
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
6
8
10
12
14
16
18
-2V
0V
FREQUENCY (GHz)
Noise Figure vs. CTRL
4
6
8
10
12
14
16
18
20
22
-1.6
-1.4
-1.2
-1
-0.8
-0.6
-0.4
CONTROL VOLTAGE (V)
6 GHz
17 GHz
6 GHz
17 GHz
(6, 8, 10, 12, 14, 17) GHz
14 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com