Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC697LP4 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC697LP4
Description  SiGe WIDEBAND DIRECT QUADRATURE MODULATOR, 200 - 4000 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC697LP4 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC697LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC697LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC697LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC697LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC697LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC697LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC697LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC697LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
10
10 - 80
HMC697LP4 / 697LP4E
v01.0309
SiGe WIDEBAND DIRECT QUADRATURE
MODULATOR, 200 - 4000 MHz
ACPR for W-CDMA @ 2140 MHz, 1 Carrier
Note 1: W-CDMA (Modulation Set-up for ACPR Mode); The
Baseband I and Q input signals were generated using “Test Model 1
with 64 channels” settings in the Agilent E3844C.
Note 2: The I/Q baseband amplitude and phase inputs were offset
to achieve Sideband Rejection (SBR) levels. LO = +6 dBm, SSB
Power = 0 dBm
Absolute Maximum Ratings
Vcc1, Vcc2
0V to +6V
LO Input Power
+18 dBm
Baseband Input Voltage (AC + DC)
(Reference to GND)
0V to + 2.8V
Junction Temperature
150 °C
Continuous Pdiss (T = 85°C)
(Derate 30 mW/°C above 85°C)
1.8 Watts
Thermal Resistance (R
th)
(junction to ground paddle)
34 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ESD Sensitivity (HBM)
Class 1A
Outline Drawing
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC697LP4
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H697
XXXX
HMC697LP4E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
H697
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
-80
-75
-70
-65
-60
-30
-25
-20
-15
-10
-5
0
CARRIER OUTPUT POWER (dBm)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com