Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC697LP4 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC697LP4
Description  SiGe WIDEBAND DIRECT QUADRATURE MODULATOR, 200 - 4000 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC697LP4 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC697LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC697LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC697LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC697LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC697LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC697LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC697LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC697LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
10
10 - 81
HMC697LP4 / 697LP4E
v01.0309
SiGe WIDEBAND DIRECT QUADRATURE
MODULATOR, 200 - 4000 MHz
Pin Number
Function
Description
Interface Schematic
1, 6, 7, 13, 15
N/C
Not connected.
2, 5, 8, 11,
12, 14, 17, 19,
20, 23
GND
These pins and the ground paddle should be
connected to a high quality RF/DC ground.
3, 4
LOP, LON
LO inputs. Need DC decoupling capacitors.
The ports could be driven single ended or differentially.
9, 10
QN, QP
Q channel differential baseband input. These high
impedance ports should be biased around 1.5V DC.
Nominal recommended baseband input is around
1.6V pp differential.
16
RFOUT
DC coupled and matched to 50 Ohms,
output requires blocking capacitor.
18
Vcc1
Supply voltage for the mixer and
output stages 79mA @ +5.0V.
21, 22
IP, IN
I channel differential baseband input.
These high impedance ports should be at the
same bias voltage (VbbDC) as Qn & Qp.
24
Vcc2
Supply voltage for the LO stage 88mA @ +5.0V.
Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com