Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC712LP3CE Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC712LP3CE
Description  GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC712LP3CE Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC712LP3CE Datasheet HTML 1Page - Hittite Microwave Corporation HMC712LP3CE Datasheet HTML 2Page - Hittite Microwave Corporation HMC712LP3CE Datasheet HTML 3Page - Hittite Microwave Corporation HMC712LP3CE Datasheet HTML 4Page - Hittite Microwave Corporation HMC712LP3CE Datasheet HTML 5Page - Hittite Microwave Corporation HMC712LP3CE Datasheet HTML 6Page - Hittite Microwave Corporation HMC712LP3CE Datasheet HTML 7Page - Hittite Microwave Corporation HMC712LP3CE Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 6
Outline Drawing
HMC712LP3CE
v04.0410
GaAs MMIC VOLTAGE-VARIABLE
ATTENUATOR, 5 - 26.5 GHz
notes:
1. PACKAGe BoDY MAterIAL: LoW stress InJeCtIon MoLDeD
PLAstIC sILICA AnD sILICon IMPreGnAteD.
2. LeAD AnD GrounD PADDLe MAterIAL: CoPPer ALLoY.
3. LeAD AnD GrounD PADDLe PLAtInG: 100% MAtte tIn.
4. DIMensIons Are In InCHes [MILLIMeters].
5. LeAD sPACInG toLerAnCe Is non-CuMuLAtIVe.
6. PAD Burr LenGtH sHALL Be 0.15mm MAX.
PAD Burr HeIGHt sHALL Be 0.05mm MAX.
7. PACKAGe WArP sHALL not eXCeeD 0.05mm
8. ALL GrounD LeADs AnD GrounD PADDLe Must Be soLDereD
to PCB rF GrounD.
9. reFer to HIttIte APPLICAtIon note For suGGesteD PCB
LAnD PAttern.
Part number
Package Body Material
Lead Finish
MsL rating
Package Marking [1]
HMC712LP3Ce
roHs-compliant Low stress Injection Molded Plastic
100% matte sn
MsL1
[2]
H712
XXXX
[1] 4-Digit lot number XXXX
[2] Max peak reflow temperature of 260 °C
Package Information



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com