Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC712LP3CE Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC712LP3CE
Description  GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC712LP3CE Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC712LP3CE Datasheet HTML 1Page - Hittite Microwave Corporation HMC712LP3CE Datasheet HTML 2Page - Hittite Microwave Corporation HMC712LP3CE Datasheet HTML 3Page - Hittite Microwave Corporation HMC712LP3CE Datasheet HTML 4Page - Hittite Microwave Corporation HMC712LP3CE Datasheet HTML 5Page - Hittite Microwave Corporation HMC712LP3CE Datasheet HTML 6Page - Hittite Microwave Corporation HMC712LP3CE Datasheet HTML 7Page - Hittite Microwave Corporation HMC712LP3CE Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 1
HMC712LP3CE
GaAs MMIC VOLTAGE-VARIABLE
ATTENUATOR, 5 - 26.5 GHz
v04.0410
General Description
Features
Functional Diagram
Wide Bandwidth: 5 - 26.5 GHz
excellent Linearity: +28 dBm Input P1dB
Wide Attenuation range: 28 dB
Absorptive topology
singe or Dual Control operation
16 Lead 3x3mm sMt Package: 9mm²
Electrical Specifications, T
A = +25° C, 50 Ohm system
Typical Applications
the HMC712LP3Ce is ideal for:
• Point-to-Point radio
• VsAt radio
• test Instrumentation
• Microwave sensors
• Military, eCM & radar
the HMC712LP3Ce is an absorptive Voltage Var-
iable Attenuator (VVA) which operates from 5 - 26.5
GHz and is ideal in designs where an analog DC
control signal must be used to control rF signal
levels over a 28 dB amplitude range. It features two
shunt-type attenuators which are controlled by two
analog voltages, Vctrl1 and Vctrl2. optimum linearity
performance of the attenuator is achieved by first
varying Vctrl1 of the 1st attenuation stage from -3V
to 0V with Vctrl2 fixed at -3V. the control voltage of
the 2nd attenuation stage, Vctrl2, should then be
varied from -3V to 0V, with Vctrl1 fixed at 0V. the
HMC712LP3Ce is housed in a roHs compliant
3x3 mm QFn leadless package
However, if the Vctrl1 and Vctrl2 pins are connected
together it is possible to achieve the full analog
attenuation range with only a small degradation
in input IP3 performance. Applications include
AGC circuits and temperature compensation of
multiple gain stages in microwave point-to-point and
VsAt radios.
Parameter
Min.
typ.
Max.
units
Insertion Loss
5 - 16 GHz
16 - 24 GHz
24 - 26.5 GHz
3.5
4.5
5.5
dB
dB
dB
Attenuation range
28
dB
Input return Loss
12
dB
output return Loss
10
dB
Input Power for 1 dB Compression (any attenuation)
28
dBm
Input third order Intercept
(two-tone Input Power = 10 dBm each tone)
32
dBm


Similar Part No. - HMC712LP3CE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC712LP3CE HITTITE-HMC712LP3CE Datasheet
331Kb / 8P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
HMC712LP3CE HITTITE-HMC712LP3CE Datasheet
341Kb / 8P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
More results

Similar Description - HMC712LP3CE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC712 HITTITE-HMC712 Datasheet
322Kb / 8P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 30 GHz
HMC712LP3CE HITTITE-HMC712LP3CE Datasheet
331Kb / 8P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
HMC812LC4 HITTITE-HMC812LC4 Datasheet
301Kb / 8P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 30 GHz
HMC712LP3C HITTITE-HMC712LP3C_09 Datasheet
341Kb / 8P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
HMC712 HITTITE-HMC712_10 Datasheet
496Kb / 8P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 30 GHz
HMC812LC4 HITTITE-HMC812LC4_11 Datasheet
521Kb / 8P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 30 GHz
logo
Analog Devices
HMC712ALP3C AD-HMC712ALP3C Datasheet
948Kb / 4P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
HMC812ALC4 AD-HMC812ALC4 Datasheet
300Kb / 5P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 30 GHz
HMC812A AD-HMC812A_16 Datasheet
1Mb / 9P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 30 GHz
HMC712ALP3CE AD-HMC712ALP3CE Datasheet
776Kb / 8P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com