Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC828LP6CE Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC828LP6CE
Description  FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 1285 - 1415 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC828LP6CE Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC828LP6CE Datasheet HTML 1Page - Hittite Microwave Corporation HMC828LP6CE Datasheet HTML 2Page - Hittite Microwave Corporation HMC828LP6CE Datasheet HTML 3Page - Hittite Microwave Corporation HMC828LP6CE Datasheet HTML 4Page - Hittite Microwave Corporation HMC828LP6CE Datasheet HTML 5Page - Hittite Microwave Corporation HMC828LP6CE Datasheet HTML 6Page - Hittite Microwave Corporation HMC828LP6CE Datasheet HTML 7Page - Hittite Microwave Corporation HMC828LP6CE Datasheet HTML 8Page - Hittite Microwave Corporation HMC828LP6CE Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 4
Electrical Specifications (Continued)
HMC828LP6CE
v04.1010
FRACTIONAL-N SYNTHESIZER WITH
INTEGRATED VCO, 1285 - 1415 MHz
Typical Closed Loop Fractional Phase
Noise [1]
Typical VCO Tuning Curves vs. Switch
Position
Closed Loop Integer Phase Noise
VCO Free Running Phase Noise
[1] Fractional Mode, 50 MHz Crystal, R=1, ~80 kHz Loop BW, (Loop filter values: Contact factory for component values) 2mA Charge Pump, -385µA
Offset.
Parameter
Condition
Min.
Typ.
Max.
Units
Fractional, 50 MHz PFD
1 kHz Offset
-103
dBc/Hz
Fractional, 50 MHz PFD
10 kHz Offset
-107
dBc/Hz
Fractional, 50 MHz PFD
100 kHz Offset
-112
dBc/Hz
Figure of Merit
Normalized 1 Hz
Integer Mode
Measured w/ 50 MHz PD
at 30 kHz Offset
-229
dBc/Hz
Fractional Mode
Measured w/ 50 MHz PD
at 30 kHz Offset
-227
dBc/Hz
-180
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
10
2
10
3
10
4
10
5
10
6
10
7
10
8
1250 MHz
1350 MHz
FREQUENCY OFFSET (Hz)
-180
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
10
2
10
3
10
4
10
5
10
6
10
7
10
8
1285 MHz
1345 MHz
FREQUENCY OFFSET (Hz)
0
1
2
3
4
5
TUNING VOLTAGE (V)
n0
n2
n4
n6
n8
n10
n12
n14
n16
n18
n20
n22
n24
n26
n30
fmax
fmin
n30
n31
-180
-160
-140
-120
-100
-80
-60
-40
-20
100
1000
10
4
10
5
10
6
10
7
10
8
1275 MHz
1350 MHz
1450 MHz
FREQUENCY OFFSET (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com