Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC828LP6CE Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC828LP6CE
Description  FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 1285 - 1415 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC828LP6CE Datasheet(HTML) 7 Page - Hittite Microwave Corporation

Back Button HMC828LP6CE Datasheet HTML 2Page - Hittite Microwave Corporation HMC828LP6CE Datasheet HTML 3Page - Hittite Microwave Corporation HMC828LP6CE Datasheet HTML 4Page - Hittite Microwave Corporation HMC828LP6CE Datasheet HTML 5Page - Hittite Microwave Corporation HMC828LP6CE Datasheet HTML 6Page - Hittite Microwave Corporation HMC828LP6CE Datasheet HTML 7Page - Hittite Microwave Corporation HMC828LP6CE Datasheet HTML 8Page - Hittite Microwave Corporation HMC828LP6CE Datasheet HTML 9Page - Hittite Microwave Corporation HMC828LP6CE Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 7
HMC828LP6CE
v04.1010
FRACTIONAL-N SYNTHESIZER WITH
INTEGRATED VCO, 1285 - 1415 MHz
Outline Drawing
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking [1]
HMC828LP6CE
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
H828
XXXX
[1] 4-Digit lot number XXXX
Package Information
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS].
3. LEAD SPACING TOLERANCE IS NON-CUMULATIVE
4. PAD BURR LENGTH SHALL BE 0.15mm MAXIMUM.
PAD BURR HEIGHT SHALL BE 0.05mm MAXIMUM.
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm.
6. ALL GROUND LEADS AND GROUND PADDLE MUST
BE SOLDERED TO PCB RF GROUND.
7. REFER TO HITTITE APPLICATION NOTE FOR
SUGGESTED PCB LAND PATTERN.
Absolute Maximum Ratings
AVDD, RVDD, DVDD3V, VCCPD,
VCCHF, VCCPS
-0.3V to +3.6V
VPPCP, VDDCP, VCC1
-0.3V to +5.8V
VCC2
-0.3V to +5.5V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to 125°C
Maximum Junction Temperature
125 °C
Thermal Resistance (RTH)
(junction to ground paddle)
20 °C/W
Reflow Soldering
Peak Temperature
260°C
Time at Peak Temperature
40 sec
ESD Sensitivity (HBM)
Class 1B
Stresses above those listed under Absolute Maximum
Ratings may cause permanent damage to the device.
This is a stress rating only; functional operation of the
device at these or any other conditions above those
indicated in the operational section of this specification
is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com