Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC905LP3E Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC905LP3E
Description  6 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1 to 4)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC905LP3E Datasheet(HTML) 7 Page - Hittite Microwave Corporation

Back Button HMC905LP3E Datasheet HTML 2Page - Hittite Microwave Corporation HMC905LP3E Datasheet HTML 3Page - Hittite Microwave Corporation HMC905LP3E Datasheet HTML 4Page - Hittite Microwave Corporation HMC905LP3E Datasheet HTML 5Page - Hittite Microwave Corporation HMC905LP3E Datasheet HTML 6Page - Hittite Microwave Corporation HMC905LP3E Datasheet HTML 7Page - Hittite Microwave Corporation HMC905LP3E Datasheet HTML 8Page - Hittite Microwave Corporation HMC905LP3E Datasheet HTML 9Page - Hittite Microwave Corporation HMC905LP3E Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
4
4 - 7
HMC905LP3E
v00.0310
6 GHz LOW NOISE PROGRAMMABLE
DIVIDER (N = 1 to 4)
Pin Description
Pin number
Function
Description
interface schematic
1
vcc
+3.3v voltage supply
2
rFinP
rF Positive input.
input is Dc coupled, external Dc blocks required.
3
rFinn
rF negative input.
input is Dc coupled, external Dc blocks required.
4
GnD
this pin must be connected to rF/Dc ground.
5
B0
Division ratio (LsB)
see programming truth table.
6
B1
Division ratio (MsB)
see programming truth table.
7
ctrL
Divider output Buffer Power control
13
BiAs1
Divider core Bias control
14
BiAs0
Divider core Bias control
15
en
chip enable
8, 9, 12, 16
n/c
no connection required. this pin may be
connected to ground, without affecting performance.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com