Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC905LP3E Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC905LP3E
Description  6 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1 to 4)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC905LP3E Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC905LP3E Datasheet HTML 1Page - Hittite Microwave Corporation HMC905LP3E Datasheet HTML 2Page - Hittite Microwave Corporation HMC905LP3E Datasheet HTML 3Page - Hittite Microwave Corporation HMC905LP3E Datasheet HTML 4Page - Hittite Microwave Corporation HMC905LP3E Datasheet HTML 5Page - Hittite Microwave Corporation HMC905LP3E Datasheet HTML 6Page - Hittite Microwave Corporation HMC905LP3E Datasheet HTML 7Page - Hittite Microwave Corporation HMC905LP3E Datasheet HTML 8Page - Hittite Microwave Corporation HMC905LP3E Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
4
4 - 2
Electrical Specifications, T
A = +25° C, Vcc = +3.3V, Z
o = 50Ω (Continued)
HMC905LP3E
v00.0310
6 GHz LOW NOISE PROGRAMMABLE
DIVIDER (N = 1 to 4)
Input Sensitivity Window
Phase Noise for 3 Cascaded
HMC905LP3E from 6 GHz VCO
Residual Phase Noise
Divide by 1, 2, 3 & 4 [2]
Parameter
conditions
Min.
typ.
Max.
units
isolation se input to se output
en bit oFF
-80
-30
dBc
Duty cycle for Differential Mode
50
%
Logic Inputs
viH input High voltage
1.5
3.3
v
viL input Low voltage
0
0.8
v
Power Supplies
vcc
Analog supply
(Low noise LDo for good phase noise -
HMc860LP3e)
3.15
3.3
3.45
v
current consumption
total current vs. BiAs and ctrL bits [1]
82
100
125
mA
sleep current
en = 0v
1
µA
[1] the bias bits combination BiAs1 BiAs0 = 1 1 is not recommended
[2] Fin = 6 GHz, Pin = 6 dBm, ctrL = 1, BiAs1 BiAs0 = 01
-20
-15
-10
-5
0
5
10
0
1
2
3
4
5
6
7
BIAS1BIAS0=01
BIAS1BIAS0=00
BIAS1BIAS0=01
Operating Window
INPUT FREQUENCY (GHz)
Recommended
Operating Window
-170
-150
-130
-110
-90
-70
-50
-30
-10
10
100
1000
10
4
10
5
10
6
10
7
VCO IN
Div By 4
Div By 16
Div By 64
OFFSET FREQUENCY (Hz)
-170
-160
-150
-140
-130
-120
-110
10
100
1000
10
4
10
5
10
6
10
7
10
8
Div By 1
Div By 2
Div By 3
Div By 4
OFFSET FREQUENCY (Hz)
Output Phase Noise vs. Input Power
Divide-by-4
-170
-160
-150
-140
-130
-120
-110
-100
-90
1000
10
4
10
5
10
6
10
7
Source IN
Div By 4 0dBm
Div By 4 3dBm
Div By 4 6dBm
Div By 4 9dBm
OFFSET FREQUENCY (Hz)
All data plots taken on Evaluation Board (schematic on page 10) single-ended with the unused
output port 50 ohms terminated, Vcc = +3.3V, Ta=+25 °C, except stated otherwise



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com