Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE031 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # AFE031
Description  Powerline Communications Analog Front-End
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE031 Datasheet(HTML) 2 Page - Texas Instruments

  AFE031 Datasheet HTML 1Page - Texas Instruments AFE031 Datasheet HTML 2Page - Texas Instruments AFE031 Datasheet HTML 3Page - Texas Instruments AFE031 Datasheet HTML 4Page - Texas Instruments AFE031 Datasheet HTML 5Page - Texas Instruments AFE031 Datasheet HTML 6Page - Texas Instruments AFE031 Datasheet HTML 7Page - Texas Instruments AFE031 Datasheet HTML 8Page - Texas Instruments AFE031 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
AFE031
SBOS531B
– AUGUST 2010 – REVISED SEPTEMBER 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE DESIGNATOR
PACKAGE MARKING
AFE031AIRGZT
QFN-48 PowerPAD
RGZ
AFE031A
AFE031AIRGZR
QFN-48 PowerPAD
RGZ
AFE031A
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range (unless otherwise noted).
VALUE
UNIT
Supply voltage, PA_VS
+26
V
Voltage(2)
PA_GND
– 0.4 to PA_VS + 0.4
V
Signal input terminal,
pins 18,19
Current(2)
±10
mA
Supply voltage, AVDD
+5.5
V
Signal input terminal, pins 13,
Voltage(2)
AGND
– 0.4 to AVDD + 0.4
V
15, 16, 21, 23, 24, 25, 28, 32,
Current(2)
±10
mA
34, 35, 38, 39, 46
Signal input terminal, pin 27
Voltage limit
±10
V
Signal input terminal, pin 10
Current limit
±10
mA
Supply voltage, DVDD
+5.5
V
Voltage(2)
DGND
– 0.4 to DVDD + 0.4
V
Signal input terminal, pins 3,
4, 6, 7, 8
Current(2)
±10
mA
Signal output terminal, pins 5,
9, 14, 17, 20, 22, 26, 31, 33,
Current(2)
Continuous
36, 37, 47, 48
Output short-circuit (PA), pins 42,43(3)(4)
Continuous
Operating temperature, TA
(4)
–40 to +150
°C
Storage temperature, TA
–55 to +150
°C
Junction temperature, TJ
+150
°C
Human body model (HBM)
3000
V
ESD ratings
Machine model (MM)
200
V
Charged device model (CDM)
500
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.4 V beyond the supply rails should
be current limited to 10 mA or less. Output terminals are diode-clamped to the power-supply rails. Output signals that can swing more
than 0.4 V beyond the supply rails should be current limited to 10 mA or less.
(3)
Short-circuit to ground.
(4)
The AFE031 automatically goes into shutdown at junction temperatures that exceed +150
°C.
2
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): AFE031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com