Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE031 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # AFE031
Description  Powerline Communications Analog Front-End
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE031 Datasheet(HTML) 49 Page - Texas Instruments

Back Button AFE031 Datasheet HTML 45Page - Texas Instruments AFE031 Datasheet HTML 46Page - Texas Instruments AFE031 Datasheet HTML 47Page - Texas Instruments AFE031 Datasheet HTML 48Page - Texas Instruments AFE031 Datasheet HTML 49Page - Texas Instruments AFE031 Datasheet HTML 50Page - Texas Instruments AFE031 Datasheet HTML 51Page - Texas Instruments AFE031 Datasheet HTML 52Page - Texas Instruments AFE031 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
AFE031
www.ti.com
SBOS531B
– AUGUST 2010 – REVISED SEPTEMBER 2011
For additional information on thermal PCB design using exposed thermal pad packages, refer to Application
Report SBOA130, Analog Front-End Design for a Narrowband Power-Line Communications Modem Using the
AFE031 and Application Report SLMA002E, PowerPAD
™ Thermally-Enhanced Package (both available for
download at www.ti.com).
Powerline Communications Developer
’s Kit
A PLC developer
’s kit (TMDSPLCKIT-V3) is available to order at www.ti.com/plc. This kit offers complete
hardware and software solutions for introducing flexible, efficient, and reliable networking capabilities to a wide
variety of applications. With unique modular hardware architecture and flexible software framework, TI
’s PLC
solutions are the only PLC-based technology capable of supporting multiple protocol standards and modulation
schemes with a single platform. This technology enables designers to leverage product lines across global
markets. The flexibility of the platform also allows developers to optimize hardware and software performance for
specific environmental operating conditions while simplifying end-to-end product design. Based on TI
’s powerful
C2000
™ microcontroller architecture and the AFE031, developers can select the correct blend of processing
capacity and peripherals to either add powerline communications to an existing design or implement a complete
application with PLC communications.
The C2000 Powerline Modem Developer's Kit enables easy development of software-based PLC modems. The
kit includes two PLC modems based on the C2000 TMS320F28069 controlCARD and the AFE031. The included
PLC SUITE software supports several communication techniques, including OFDM (PRIME/G3 and FlexOFDM)
and SFSK. The kit also includes onboard USB JTAG emulation and Code Composer Studio.
PACKAGING/MECHANICALS
Complete mechanical drawings and packaging information are appended to the end of this data sheet.
Copyright
© 2010–2011, Texas Instruments Incorporated
49
Product Folder Link(s): AFE031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com