Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM3871 Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 51 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 47Page - Texas Instruments AM3871 Datasheet HTML 48Page - Texas Instruments AM3871 Datasheet HTML 49Page - Texas Instruments AM3871 Datasheet HTML 50Page - Texas Instruments AM3871 Datasheet HTML 51Page - Texas Instruments AM3871 Datasheet HTML 52Page - Texas Instruments AM3871 Datasheet HTML 53Page - Texas Instruments AM3871 Datasheet HTML 54Page - Texas Instruments AM3871 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 345 page
background image
AM3874, AM3872, AM3871
www.ti.com
SPRS695
– SEPTEMBER 2011
Table 3-8. EMAC[1] Terminal Functions [(R)(G)MII]
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
EMAC[1] (G)MII Mode
TBD
These pin functions are available only when GMII and MII modes are selected.
VOUT[1]_HSYNC/
VOUT[1],
EMAC[1]_MCOL/
VIN[1]A, SPI[3],
VIN[1]A_VSYNC/
IPD
AC24
I
UART3, GP2
[G]MII Collision Detect (Sense) input
SPI[3]_D[1]/
DVDD
PINCNTL205
UART3_RTS/
DSIS: 0
GP2[29]
VOUT[1]_VSYNC/
EMAC[1]_MCRS/
VOUT[1],
VIN[1]A_FLD/
VIN[1]A, SPI[3],
IPD
VIN[1]A_DE/
AA23
I
UART3, GP2
[G]MII Carrier Sense input
DVDD
SPI[3]_D[0]/
PINCNTL206
UART3_CTS/
DSIS: 0
GP2[30]
VOUT[1]_G_Y_YC[6]/
VOUT[1],
EMAC[1]_GMTCLK/
IPD
VIN[1]A, GP3
AH27
O
GMII Source Asynchronous Transmit Clock
VIN[1]A_D[11]/
DVDD
PINCNTL218
GP3[10]
DSIS: N/A
VOUT[1]_B_CB_C[3]/
VOUT[1],
EMAC[1]_MRCLK/
VIN[1]A,
IPD
VIN[1]A_D[0]/
AH25
I
UART4, GP3
[G]MII Receive Clock
DVDD
UART4_CTS/
PINCNTL208
GP3[0]
DSIS: 0
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS =
De-selected Input State
(2)
IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the
Internal Pull after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown
resistors are required, see , Pullup/Pulldown Resistors and the , Pin Behaviors at Reset.
(3)
Specifies the operating I/O supply voltage for each signal
Copyright
© 2011, Texas Instruments Incorporated
Device Pins
51
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com