Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM3871 Datasheet(PDF) 93 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 93 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 89Page - Texas Instruments AM3871 Datasheet HTML 90Page - Texas Instruments AM3871 Datasheet HTML 91Page - Texas Instruments AM3871 Datasheet HTML 92Page - Texas Instruments AM3871 Datasheet HTML 93Page - Texas Instruments AM3871 Datasheet HTML 94Page - Texas Instruments AM3871 Datasheet HTML 95Page - Texas Instruments AM3871 Datasheet HTML 96Page - Texas Instruments AM3871 Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 345 page
background image
AM3874, AM3872, AM3871
www.ti.com
SPRS695
– SEPTEMBER 2011
3.2.13 PCI Express (PCIe)
Table 3-24. PCI Express (PCIe) Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
NAME
NO.
PCIE_TXP0
AD2
O
PCIE Transmit Data Lane 0.
–
When the PCIe SERDES are powered down, these pins should be
VDDA_PCIE_1P8
PCIE_TXN0
AD1
O
left unconnected.
PCIE_RXP0
AC2
I
PCIE Receive Data Lane 0.
–
When the PCIe SERDES are powered down, these pins should be
VDDA_PCIE_1P8
PCIE_RXN0
AC1
I
left unconnected.
–
PCIE Serdes Reference Clock Inputs and optional SATA
SERDES_CLKP
AF1
I
SERDES_CLK LDO
Reference Clock Inputs.
(internal)
Shared between PCI Express and Serial ATA. When PCI Express
–
is not used, and these pins are not used as optional SATA
SERDES_CLKN
AF2
I
SERDES_CLK LDO
Reference Clock Inputs, these pins can be left unconnected.
(internal)
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS =
De-selected Input State
(2)
IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the
Internal Pull after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown
resistors are required, see , Pullup/Pulldown Resistors and , Pin Behaviors at Reset.
(3)
Specifies the operating I/O supply voltage for each signal
Copyright
© 2011, Texas Instruments Incorporated
Device Pins
93
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com