Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3773 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2N3773
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N3773 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2N3773 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N3773 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2N3773 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2N3773
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=0.2A ;IB=0
140
V
VCEsat-1
Collector-emitter saturation voltage
IC=8A; IB=0.8A
1.4
V
VCEsat-2
Collector-emitter saturation voltage
IC=16A ;IB=3.2A
4.0
V
VBE
Base-emitter on voltage
IC=8A ; VCE=4V
2.2
V
ICEO
Collector cut-off current
VCE=140V; IB=0
2.0
mA
ICEX
Collector cut-off current
VCE=140V; VBE(off)=1.5V
TC=150℃
2.0
10.0
mA
IEBO
Emitter cut-off current
VEB=7V; IC=0
5.0
mA
hFE-1
DC current gain
IC=8A ; VCE=4V
15
60
hFE-2
DC current gain
IC=16A ; VCE=4V
5
Is/b
Second breakdown collector current
With base forward biased
VCE=100Vdc,t=1.0s,
Nonrepetitive
1.5
A
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-c
Thermal resistance junction to case
1.17
℃/W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com