Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3773 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2N3773
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N3773 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2N3773 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N3773 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2N3773 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2N3773
DESCRIPTION
・With TO-3 package
・Complement to type 2N6609
・High DC current gain
・Low saturation voltage
・High safe operating area
APPLICATIONS
・Designed for high power audio, disk head
positioners and other linear applications.
These devices can also be used in power
switching circuits such as relay or solenoid
drivers, dc to dc converters or inverters.
PINNING
PIN
DESCRIPTION
1
Base
2
Emitter
3
Collector
Absolute maximum ratings(Ta=℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VCBO
Collector-base voltage
Open emitter
160
V
VCEO
Collector-emitter voltage
Open base
140
V
VEBO
Emitter-base voltage
Open collector
7
V
IC
Collector current
16
A
ICM
Collector current-peak
30
A
IB
Base current
4
A
IBM
Base current-peak
15
A
PD
Total Power Dissipation
Derate above 25℃
TC=25℃
150
0.855
W
W/℃
Tj
Junction temperature
150
℃
Tstg
Storage temperature
-65~200
℃
Fig.1 simplified outline (TO-3) and symbol


Similar Part No. - 2N3773

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3773 MOSPEC-2N3773 Datasheet
143Kb / 3P
POWER TRANSISTORS(16A,140V,150W)
logo
ON Semiconductor
2N3773 ONSEMI-2N3773 Datasheet
205Kb / 6P
COMPLEMENTARY POWER TRANSISTORS
1995 REV 7
logo
Wing Shing Computer Com...
2N3773 WINGS-2N3773 Datasheet
46Kb / 1P
NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
Boca Semiconductor Corp...
2N3773 BOCA-2N3773 Datasheet
148Kb / 3P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
2N3773 ETC-2N3773 Datasheet
105Kb / 3P
HIGH VOLTAGE, HIGH CURRENT POWER TRANSISTORS
More results

Similar Description - 2N3773

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com