Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A15-2E2B-BKB Datasheet(PDF) 26 Page - Magnetrol International, Inc.

Part # A15-2E2B-BKB
Description  Displacer Type Liquid Level Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

A15-2E2B-BKB Datasheet(HTML) 26 Page - Magnetrol International, Inc.

Back Button A15-2E2B-BKB Datasheet HTML 20Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 21Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 22Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 23Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 24Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 25Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 26Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 27Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 28Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
26
Liquid
Part Number
Function
Temp.
Displacer Type
Code
° F
° C
Porcelain
Stainless Steel
Karbate
100
38
0.65 to 1.20
0.58 to 1.20
0.58 to 1.20
C10
¦
Wide Differential, 3 switches
200
93
0.95 to 1.10
0.76 to 1.00
0.76 to 1.00
300
149
—
0.820 to 1.00
0.82 to 1.00
C15
¦¦
Narrow Differential, 3 switches
130
54
0.80 to 1.25
0.65 to 1.00
0.65 to 1.00
TANK CONNECTION AND DISPLACERS
Tank Connection Œ
Displacer Material
Porcelain
316 SS
Karbate
21⁄2" NPT Threaded
E2A
E2B
E2C
3" 125 lb. Cast Iron FF Flange

G2A
G2B
G2C
3" 150 lb. ANSI RF Flange
Ž
G3A
G3B
G3C
4" 125 lb. Cast Iron FF Flange

H2A
H2B
H2C
4" 150 lb. ANSI RF Flange
Ž
H3A
H3B
H3C
4" 300 lb. ANSI RF Flange
“
H4A
H4B
H4C
6" 125 lb. Cast Iron FF Flange

K2A
K2B
K2C
6" 150 lb. ANSI RF Flange
Ž
K3A
K3B
K3C
6" 300 lb. ANSI RF Flange
Ž
K4A
K4B
K4C
PART NUMBER CODE AND SPECIFIC GRAVITY LIMITS
ELECTRIC SWITCH MECHANISM AND ENCLOSURE 
Switch Enclosure
Switch Description
Process 
TYPE 4X/7/9 Aluminum Enclosure ’
Temp. Range
Three
Class
I, Div. 1,
Class
I, Div. 1,
° F (°C)
Set Points
Groups C & D
Group B
Series O
–40 to +300
SPDT
OMB
OMN
Snap Switch
(–40 to +149)
DPDT
OKB
OKN
Series Q
–40 to +250
SPDT
QMB
QMN
Snap Switch
(–40 to +121)
DPDT
QKB
QKN
Œ Pressure/temperature ratings on page 4. Flanges are ANSI type.
 Not available with material of construction codes M, N and 4.
Ž 316 SS flange is provided with material of construction code 4 and M.
 Pneumatic switch mechanisms and enclosures are
unavailable for Series C10 and C15 switches.
 Process temperature based on +100° F (+38° C) ambient.
‘ #125 flanges will be cast iron.
’ Consult factory for TYPE 4X/7/9 cast iron housings.
“ Available only in carbon steel. Consult factory for 4" 300 lb. 316 SS
flanged connection.
¦¦ When ordering C10 units, an operating sequence and operating specific gravity must be provided.
¦¦ When ordering C15 units, an operating specific gravity must be provided.
Note: Each C10 and C15 instrument is factory cali-
brated to operate for a given specific gravity
within the minimum and maximum values listed.
M O D E L
N U M B E R
S E R I E S
C 1 0
A N D
C 1 5
T R I - S W I T C H
M O D E L S
MATERIALS OF CONSTRUCTION
Support
E-Tube
Displacer Clamps/
Magnetic
Process
Code
Spring
Trim
Mtg. Nut
Susp. Cable
Sleeve
Connection
1
Inconel 600
300 Series SS
Carbon Steel
316 SS
400 Series SS
Carbon Steel ‘
2
Inconel 600
316 SS
316 SS
316 SS
316 SS
Carbon Steel ‘
4
316 SS
5
Inconel 600
300 Series SS
Carbon Steel
Monel
400 Series SS
Carbon Steel ‘
6
Hastelloy
M
NACE Const.
Inconel X750
316 SS
316 SS
316 SS
316 SS
316 SS
N
NACE Const.
Inconel X750
300 Series SS
316 SS
316 SS
316 SS
Carbon Steel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com