Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A15-2E2B-BKB Datasheet(PDF) 13 Page - Magnetrol International, Inc.

Part # A15-2E2B-BKB
Description  Displacer Type Liquid Level Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

A15-2E2B-BKB Datasheet(HTML) 13 Page - Magnetrol International, Inc.

Back Button A15-2E2B-BKB Datasheet HTML 9Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 10Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 11Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 12Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 13Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 14Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 15Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 16Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 17Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13
S P E C I F I C A T I O N S
M O D E L
B 1 0
A C T U A T I O N
L E V E L S
( c o n t . )
B10 STANDARD ACTUATING LEVELS AND LIQUID SPECIFIC GRAVITY WITH DISPLACER ARRANGEMENTS 3, 4,AND 5
INCHES (MM)
Note: All levels ±0.25" (6).
Note: All levels ±0.25" (6).
Displacer
Liquid
Temp.
Level 0.60 - 0.64 0.65 - 0.71 0.72 - 0.73 0.74 - 0.82 0.83 - 0.92 0.93 - 1.00 1.01 - 1.07
Type
° F
G
2.77 - 2.01 2.63 - 1.62 2.67 - 2.51 2.58 - 1.42 3.16 - 1.94 1.82 - 1.04 1.69 - 1.23
(70 - 51)
(66 - 41)
(67 - 63)
(65 - 36)
(80 - 49)
(45 - 26)
(42 - 31)
100
H
2.24 - 1.81 2.51 - 1.90 2.53 - 2.43 2.34 - 1.66 2.62 - 1.91 1.84 - 1.38 1.53 - 1.26
(56 - 45)
(63 - 48)
(64 - 61)
(59 - 42)
(66 - 48)
(46 - 35)
(38 - 32)
J
2.01 - 1.89 1.86 - 1.70 1.68 - 1.65 1.63 - 1.47 1.45 - 1.31 1.30 - 1.21 1.02 - .097
(51 - 48)
(47 - 43)
(42 - 41)
(41 - 37)
(36 - 33)
(33 - 30)
(25 - 24)
G
3.15
2.96 - 1.93 1.77 - 1.62 2.64 - 1.47 2.79 - 1.61 2.79 - 1.94 1.56 - 1.11
(80)
(75 - 49)
(44 - 41)
(67 - 37)
(70 - 40)
(70 - 49)
(39 - 28)
200
H
2.69
2.57 - 1.96 1.87 - 1.78 2.16 - 1.50 2.25 - 1.58 2.44 - 1.94 1.40 - 1.14
(68)
965 - 49)
(47 - 45)
(54 - 38)
(57 - 40)
(61 - 49)
(35 - 28)
J
2.76
2.72 - 2.49 2.45 - 2.42 2.39 - 2.15 2.13 - 1.92 1.90 - 1.77 1.58 - 1.49
Porcelain
(70)
(69 - 63)
(62 - 61)
(60 - 54)
(54 - 48)
(48 - 44)
(40 - 37)
G———
3.39 - 2.15 3.47 - 2.22 3.39 - 2.50 2.11 - 1.63
(86 - 54)
(88 - 56)
(86 - 63)
(53 - 41)
300
H
———
2.92 - 2.18 2.93 - 2.18 3.04 - 2.50 1.95 - 1.66
(74 - 55)
(74 - 55)
(77 - 63)
(49 - 42)
J
———
3.14 - 2.83 2.80 - 2.53 2.50 - 2.32 2.13 - 2.01
(79 - 71)
(71 - 64)
(63 - 58)
(54 - 51)
G——
2.67 - 2.15
(67 - 54)
400
H—
2.68 - 2.34
(68 - 59)
J—
2.68 - 2.53
(68 - 64)
G
D
Actuation
Actuation
Actuation
Upper
Switch
Lower
Switch
H
E
J
F
Model B10
Displacer
Arrangement 3
Displacer
Liquid
Temp.
Level 1.08 - 1.12 1.13 - 1.17 1.18 - 1.27 1.28 - 1.30 1.31 - 1.39 1.40 - 1.50
Type
° F
G
1.16 - 0.89 2.04 - 1.75 1.68 - 1.10 1.04 - 0.92 2.05 - 1.56 1.50 - 0.97
(29 - 22)
(51 - 44)
(42 - 27)
(26 - 23)
(52 - 39)
(38 - 24)
100
H
1.22 - 1.06 1.78 - 1.61 1.57 - 1.23 1.19 - 1.12 1.49 - 1.21 1.18 - 0.89
(30 - 26)
(45 - 40)
(39 - 31)
(30 - 28)
(37 - 30)
(29 - 22)
J
0.96 - 0.92 0.92 - 0.88 0.88 - 0.81 0.81 - 0.80 0.79 - 0.74 0.74 - 0.69
(24 - 23)
(23 - 22)
(22 - 20)
(20 - 20)
(20 - 18)
(18 - 17)
G
1.68 - 1.38 1.31 - 1.05 1.71 - 1.13 1.75 - 1.62 1.56 - 1.09 1.53 - 1.00
(42 - 35)
(33 - 26)
(43 - 28)
(44 - 41)
(39 - 27)
(38 - 25)
200
H
1.42 - 1.25 1.21 - 1.06 1.31 - 0.99 1.50 - 1.42 1.39 - 1.12 1.33 - 1.03
(36 - 31)
(30 - 26)
(33 - 25)
(38 - 36)
(35 - 28)
(33 - 26)
J
1.48 - 1.42 1.41 - 1.36 1.35 - 1.25 1.24 - 1.23 1.22 - 1.15 1.14 - 1.06
(37 - 36)
(35 - 34)
(34 - 31)
(31 - 31)
(30 - 29)
(28 - 26)
G
2.19 - 1.88 1.81 - 1.52 2.19 - 1.57 2.18 - 2.05 1.98 - 1.49 1.93 - 1.37
(55 - 47)
(45 - 38)
(55 - 39)
(50 - 37)
(50 - 37)
(49 - 34)
Porcelain
300
H
1.93 - 1.75 1.70 - 1.53 1.79 - 1.43 1.93 - 1.85 1.81 - 1.52 1.73 - 1.40
(49 - 44)
(43 - 38)
(45 - 36)
(49 - 46)
(45 - 38)
(43 - 35)
J
1.99 - 1.92 1.90 - 1.84 1.82 - 1.69 1.68 - 1.66 1.64 - 1.55 1.54 - 1.43
(50 - 48)
(48 - 46)
(45 - 42)
(42 - 42)
(41 - 39)
(39 - 36)
G
2.71 - 2.38 2.30 - 2.00 2.66 - 2.01 2.62 - 2.48 2.41 - 1.90 2.33 - 1.74
(68 - 60)
(58 - 50)
(67 - 51)
(61 - 48)
(61 - 48)
(59 - 44)
400
H
2.45 - 2.25 2.20 - 2.01 2.26 - 1.87 2.37 - 2.28 2.24 - 1.92 2.13 - 1.77
(62 - 57)
(55 - 51)
(57 - 47)
(60 - 57)
(56 - 23)
(54 - 44)
J
2.51 - 2.42 2.40 - 2.32 2.30 - 2.13 2.12 - 2.08 2.07 - 1.95 1.94 - 1.81
(63 - 61)
(60 - 58)
(58 - 54)
(53 - 52)
(52 - 49)
(49 - 45)
G
3.23 - 2.88 2.80 - 2.48 3.13 - 2.45 3.05 - 2.91 2.84 - 2.30 2.73 - 2.11
(82 - 73)
(71 - 62)
(79 - 62)
(77 - 73)
(72 - 58)
(69 - 53)
500
H
2.97 - 2.75 2.69 - 2.49 2.73 - 2.31 2.80 - 2.71 2.67 - 2.33 2.53 - 2.15
(75 - 69)
(68 - 63)
(69 - 58)
(71 - 68)
(67 - 59)
(64 - 54)
J
3.03 - 2.92 2.89 - 2.79 2.77 - 2.57 2.55 - 2.51 2.50 - 2.35 2.33 - 2.18
(76 - 74)
(73 - 70)
(70 - 65)
(64 - 63)
(63 - 59)
(59 - 55)
G
D
Actuation
Actuation
Actuation
Upper
Switch
Lower
Switch
H
E
J
F
G
D
Actuation
Actuation
Actuation
Upper
Switch
Lower
Switch
H
E
J
F
Model B10
Displacer Arrangement 4
Model B10
Displacer Arrangement 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com