Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B40-HF30-9DM Datasheet(PDF) 3 Page - Magnetrol International, Inc.

Part # B40-HF30-9DM
Description  B40-P & B40-H Liquid Level Switch ASME B31.1 Compliant
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

B40-HF30-9DM Datasheet(HTML) 3 Page - Magnetrol International, Inc.

  B40-HF30-9DM Datasheet HTML 1Page - Magnetrol International, Inc. B40-HF30-9DM Datasheet HTML 2Page - Magnetrol International, Inc. B40-HF30-9DM Datasheet HTML 3Page - Magnetrol International, Inc. B40-HF30-9DM Datasheet HTML 4Page - Magnetrol International, Inc. B40-HF30-9DM Datasheet HTML 5Page - Magnetrol International, Inc. B40-HF30-9DM Datasheet HTML 6Page - Magnetrol International, Inc. B40-HF30-9DM Datasheet HTML 7Page - Magnetrol International, Inc. B40-HF30-9DM Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
SERIES C, D, R & S DRY CONTACT SWITCHES
• Designed for AC and DC current applications
• Process temperatures to +1000° F (+538° C)
S P E C I F I C A T I O N S
S W I T C H
M E C H A N I S M S
A N D
E N C L O S U R E S
TYPE 4X/7/9 Cast Iron Enclosure
TYPE 4X Carbon Steel Enclosure
TYPE 4X/7/9 Aluminum Enclosure
A S M E
B 3 1 . 1
C O N S T R U C T I O N
PRODUCT DESIGN
Pressure vessels are designed within code specified
stress limits. Design calculations, design prints and weld
qualifications are available for audit. All chamber branch
and circumferential weld joints are designed to achieve
FULL penetration.
WELDING
All welding is performed by qualified welders and per
procedures required by the ASME Boiler Pressure Vessel
Code Sec. IX. Welds are visually inspected for FULL
penetration. All other non-destructive examination is
performed per ANSI B31.1.
MATERIALS OF CONSTRUCTION
All pressure-retaining materials are procured with
Certificates of Conformance to assure compliance of
components with required standards.
HYDROSTATIC TEST
All chambers are hydrostatically tested at 1.5 times the
design pressure.
SWITCH ENCLOSURE
• TYPE 4X blue polymer coated carbon steel, weather
resistant for non-hazardous areas
• TYPE 4X/7/9 blue polymer coated aluminum and
cast iron enclosures
• Designed to meet Class I, Div. 1 Groups C & D and
Class I, Div. 1 Group B
SERIES F, HS, 8 & 9 HERMETICALLY SEALED SWITCHES
• Ideal for use in salt and other corrosive atmospheres
• Positively pressurized capsule for entire mechanism
and contacts
• Process temperatures to +1000° F (+538° C)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com