Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B40-HF30-9DM Datasheet(PDF) 5 Page - Magnetrol International, Inc.

Part # B40-HF30-9DM
Description  B40-P & B40-H Liquid Level Switch ASME B31.1 Compliant
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

B40-HF30-9DM Datasheet(HTML) 5 Page - Magnetrol International, Inc.

  B40-HF30-9DM Datasheet HTML 1Page - Magnetrol International, Inc. B40-HF30-9DM Datasheet HTML 2Page - Magnetrol International, Inc. B40-HF30-9DM Datasheet HTML 3Page - Magnetrol International, Inc. B40-HF30-9DM Datasheet HTML 4Page - Magnetrol International, Inc. B40-HF30-9DM Datasheet HTML 5Page - Magnetrol International, Inc. B40-HF30-9DM Datasheet HTML 6Page - Magnetrol International, Inc. B40-HF30-9DM Datasheet HTML 7Page - Magnetrol International, Inc. B40-HF30-9DM Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
D I M E N S I O N A L
S P E C I F I C A T I O N S
I N C H E S
( M M )
B40-HF30 and B40-PF30
B40-PB60 and B40-HB60
20.88 (530)
8.18 (208)
C
L
4.15
(105)
5.56
(141)
Rotation Clearance
Rising Level
0.50 (13)
Falling Level
0.50 (13)
8.00 (203)
7.19
(182)
Plug
4.15
(105)
1" Sockolet
1" Sockolet
3.87 (98)
Electrical
Connection
5.93
(150)
8.46
(214)
10.12
(257)
20.88 (530)
8.18 (208)
C
L
3.90
(99)
5.56
(141)
Rotation Clearance
Rising Level
0.50 (13)
Falling Level
0.50 (13)
8.00 (203)
7.19
(182)
Plug
3.90
(99)
1" Schedule 80 Weldolet
1" Schedule 80 Weldolet
3.87 (98)
Electrical
Connection
5.93
(150)
8.46
(214)
10.12
(257)
NOTES:
1. Allow 8 inches (203 mm) overhead clearance for cover removal.
2. Maximum ambient temperature at switch head should not
exceed +140° F (+60° C).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com